Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA65 Datasheet (PDF) - Microchip Technology

24AA65 Datasheet PDF - Microchip Technology
Part # 24AA65
Download  24AA65 Download
File Size   105.42 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K 1.8V I 2 C O Smart Serial O EEPROM

24AA65 Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA65 Datasheet PDF - Microchip Technology

Part # 24AA65
Download  24AA65 Click to download

File Size   105.42 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64K 1.8V I 2 C O Smart Serial O EEPROM

24AA65 Datasheet (HTML) - Microchip Technology


24AA65 Product details

Description
The Microchip Technology Inc. 24AA65/24LC65/24C65 (24XX65)* is a “smart” 8K x 8 Serial Electrically Erasable PROM. This device has been developed for advanced, low-power applications such as personal communications, and provides the systems designer with flexibility through the use of many new user-programmable features.
   
Features
• Voltage operating range: 1.8V to 6.0V
    - Peak write current 3 mA at 6.0V
    - Maximum read current 150 µA at 6.0V
    - Standby current 1 µA typical
• Industry standard two-wire bus protocol I2C™
    compatible
• 8-byte page, or byte modes available
• 2 ms typical write cycle time, byte or page
• 64-byte input cache for fast write loads
• Up to 8 devices may be connected to the same
    bus for up to 512K bits total memory
• Including 100 kHz (1.8V ≤ Vcc < 4.5V) and 400
    kHz (4.5V ≤ VCC ≤ 6.0V) compatibility
• Programmable block security options
• Programmable endurance options
• Schmitt Trigger, filtered inputs for noise
    suppression
• Output slope control to eliminate ground bounce
• Self-timed erase and write cycles
• Power-on/off data protection circuitry
• Endurance:
    - 10,000,000 E/W cycles for a High Endurance
        Block
    - 1,000,000 E/W cycles for a Standard
        Endurance Block
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP/SOIC packages
• Temperature ranges
    - Commercial (C): 0°C to +70°C
    - Industrial (I) -40°C to +85°C
    - Automotive (E) -40°C to +125°C
   




Similar Part No. - 24AA65

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA65 MICROCHIP-24AA65 Datasheet
284Kb / 24P
64K 1.8V I2C Smart Serial O EEPROM
2003
24AA65 MICROCHIP-24AA65 Datasheet
362Kb / 24P
64K I2C??Smart Serial??EEPROM
2008
24AA65 MICROCHIP-24AA65 Datasheet
218Kb / 24P
64K I2C Smart Serial EEPROM
01/02/08
24AA65 MICROCHIP-24AA65 Datasheet
362Kb / 24P
64K I2C Smart Serial EEPROM
01/02/08
24AA65 MICROCHIP-24AA65 Datasheet
218Kb / 24P
64K I2C Smart Serial EEPROM
07/28/03
More results


Similar Description - 24AA65

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01 MICROCHIP-24AA01 Datasheet
74Kb / 12P
1K/2K 1.8V I 2 C O Serial EEPROMs
1996
24AA16 MICROCHIP-24AA16 Datasheet
76Kb / 12P
16K 1.8V I 2 C O Serial EEPROM
1996
24AA32 MICROCHIP-24AA32 Datasheet
98Kb / 12P
32K 1.8V I 2 C O Smart Serial EEPROM
1996
24AA32A MICROCHIP-24AA32A Datasheet
79Kb / 12P
32K 1.8V I 2 C O Serial EEPROM
2010
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24FC65 MICROCHIP-24FC65 Datasheet
140Kb / 16P
64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24LC16B MICROCHIP-24LC16B Datasheet
75Kb / 12P
16K 2.5V I 2 C O Serial EEPROM
2007
24LC65 MICROCHIP-24LC65 Datasheet
106Kb / 12P
64K 2.5V I 2 C Smart Serial EEPROM
2003
24AA65 MICROCHIP-24AA65_03 Datasheet
284Kb / 24P
64K 1.8V I2C Smart Serial O EEPROM
2003
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com