Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC32 Datasheet (PDF) - Microchip Technology

24FC32 Datasheet PDF - Microchip Technology
Part # 24FC32
Download  24FC32 Download
File Size   99.59 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V 1 MHz I 2 C Smart Serial EEPROM

24FC32 Datasheet (PDF)

Go To PDF Page Download Datasheet
24FC32 Datasheet PDF - Microchip Technology

Part # 24FC32
Download  24FC32 Click to download

File Size   99.59 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V 1 MHz I 2 C Smart Serial EEPROM

24FC32 Datasheet (HTML) - Microchip Technology


24FC32 Product details

Description
The Microchip Technology Inc. 24FC32 is a 4K x 8 (32K bit) Serial Electrically Erasable PROM (EEPROM) with a high-speed 1 MHz SE2.bus whose protocol is functionally equivalent to the industry-standard I2C bus.
   
Features
• Voltage operating range: 4.5V to 5.5V
    - Maximum write current 3 mA at 5.5V
    - Maximum read current 150 µA at 5.5V
    - Standby current 1 µA typical
• 1 MHz SE2.bus two wire protocol
• Self-timed write cycle (including auto-erase)
• Power on/off data protection circuitry
• Endurance:
    - 10,000,000 Erase/Write cycles ensured for a
        4K block
    - 1,000,000 E/W cycles ensured for a 28K
        block
• 8-byte page, or byte modes available
• 1 page x 8 line input cache (64 bytes) for fast write
    loads
• Schmitt Trigger inputs for noise suppression
• 2 ms typical write cycle time, byte or page
• Up to 8 chips may be connected to the same bus
    for up to 256K bits total memory
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP/SOIC packages
• Temperature ranges
    - Commercial (C): 0°C to +70°C
    - Industrial (I): -40°C to +85°C
   




Similar Part No. - 24FC32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24FC32-/L MICROCHIP-24FC32-/L Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32-/P MICROCHIP-24FC32-/P Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32-I/L MICROCHIP-24FC32-I/L Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32-I/P MICROCHIP-24FC32-I/P Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results


Similar Description - 24FC32

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA32 MICROCHIP-24AA32 Datasheet
98Kb / 12P
32K 1.8V I 2 C O Smart Serial EEPROM
1996
24C01C MICROCHIP-24C01C Datasheet
326Kb / 12P
1K 5.0V I 2 C ??Serial EEPROM
1997
24C02C MICROCHIP-24C02C Datasheet
162Kb / 12P
2K 5.0V I 2 C ??Serial EEPROM
1997
24C04A MICROCHIP-24C04A Datasheet
107Kb / 12P
4K 5.0V I 2 C ??Serial EEPROM
1998-1999
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
32K 5.0V I2C Smart Serial EEPROM
1996
24C32A MICROCHIP-24C32A Datasheet
79Kb / 12P
32K 5.0V I 2 C O Serial EEPROM
1996
24C65 MICROCHIP-24C65 Datasheet
120Kb / 24P
64K 5.0V I 2 C Smart Serial EEPROM
01/02/08
24FC65 MICROCHIP-24FC65 Datasheet
140Kb / 16P
64K 5.0V 1 MHz I 2 C Smart Serial EEPROM
1996
24C32 MICROCHIP-24C32_04 Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
24FC32 MICROCHIP-24FC32_04 Datasheet
144Kb / 16P
32K 5.0V 1 MHz I 2 C Smart Serial EEPROM
2004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com