Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6204 Datasheet (PDF) - Intersil Corporation

EL6204 Datasheet PDF - Intersil Corporation
Part # EL6204
Download  EL6204 Download
File Size   348.32 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Driver Oscillator

EL6204 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6204 Datasheet PDF - Intersil Corporation

Part # EL6204
Download  EL6204 Click to download

File Size   348.32 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Driver Oscillator

EL6204 Datasheet (HTML) - Intersil Corporation


EL6204 Product details

The EL6204 is a push-pull oscillator used to reduce laser noise.
It uses the standard interface to existing ROM controllers. The
frequency and amplitude are each set with a separate resistor
connected to ground. The tiny package and harmonic
reduction allow the part to be placed close to a laser with low
RF emissions. An auto turn-off feature allows it to easily be
used on combo CD-RW plus DVD-ROM pickups.
If the APC current is reduced such that the average laser
voltage drops to less than 1.1V, the output and oscillator are
disabled, reducing power consumption to a minimum.
The current drawn by the oscillator consists of a small utility
current, plus the peak output amplitude in the positive cycle. In
the negative cycle the oscillator subtracts peak output
amplitude from the laser APC current.
The EL6204 part is available in the space-saving 6 Ld SOT-23
package and is specified for operation from 0°C to +70°C.

Features
• Low power dissipation
• User-selectable frequency from 60MHz to 600MHz
controlled with a single resistor
• User-specified amplitude from 10mAP-P to 100mAP-P
controlled with a single resistor
• Auto turn-off threshold
• Soft edges for reduced EMI
• Small 6 Ld SOT-23 package

Applications
• DVD players
• DVD-ROM drives
• CD-RW drives
• MO drives
• General purpose laser noise reduction
• Local oscillators




Similar Part No. - EL6204

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
Laser Driver Oscillator
March 1, 2004
EL6204 INTERSIL-EL6204 Datasheet
228Kb / 11P
Laser Driver Oscillator
July 11, 2007
logo
Renesas Technology Corp
EL6204 RENESAS-EL6204 Datasheet
590Kb / 12P
Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
Laser Driver Oscillator
EL6204CW ELANTEC-EL6204CW Datasheet
133Kb / 2P
Laser Driver Oscillator
More results


Similar Description - EL6204

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
Laser Driver Oscillator
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
Laser Driver Oscillator
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
Laser Driver Oscillator
October 4, 2004
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
Laser Driver Oscillator
June 11, 2004
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
Laser Driver Oscillator
March 1, 2004
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
Laser Driver Oscillator
March 1, 2004
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
Laser Driver Oscillator
June 10, 2004
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
Laser Driver Oscillator
August 13, 2007
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
Laser Driver Oscillator
August 8, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com