Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25C160 Datasheet (PDF) - Microchip Technology

25C160 Datasheet PDF - Microchip Technology
Part # 25C160
Download  25C160 Download
File Size   85.28 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 5.0V SPI Bus Serial EEPROM

25C160 Datasheet (PDF)

Go To PDF Page Download Datasheet
25C160 Datasheet PDF - Microchip Technology

Part # 25C160
Download  25C160 Click to download

File Size   85.28 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 5.0V SPI Bus Serial EEPROM

25C160 Datasheet (HTML) - Microchip Technology


25C160 Product details

Description:
The Microchip Technology Inc. 25AA080/25LC080/25C080 (25XX080*) are 8 Kbit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features:
• Low-power CMOS technology:
  - Write current: 3 mA maximum
  - Read current: 500 A typical
  - Standby current: 500 nA typical
• 1024 x 8-bit organization
• 16 byte page
• Write cycle time: 5 ms max.
• Self-timed erase and write cycles
• Block write protection:
  - Protect none, 1/4, 1/2 or all of array
• Built-in write protection:
  - Power-on/off data protection circuitry
  - Write enable latch
  - Write-protect pin
• Sequential read
• High reliability:
  - Endurance: 1 M cycles
  - Data retention: > 200 years
  - ESD protection: > 4000V
• 8-pin PDIP and SOIC (150 mil)
• Temperature ranges supported:
  - Industrial (I): -40C to +85C
  - Automotive (E) (25C080): -40°C to +125°C




Similar Part No. - 25C160

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C160 MICROCHIP-25C160 Datasheet
320Kb / 22P
16K SPI Bus Serial EEPROM
2004
25C160 MICROCHIP-25C160 Datasheet
327Kb / 22P
16K SPI Bus Serial EEPROM
10/26/12
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
16K SPI Bus Serial EEPROM
07/12/04
25C160-/P MICROCHIP-25C160-/P Datasheet
320Kb / 22P
16K SPI Bus Serial EEPROM
2004
25C160-/SN MICROCHIP-25C160-/SN Datasheet
320Kb / 22P
16K SPI Bus Serial EEPROM
2004
More results


Similar Description - 25C160

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
8K/16K 1.8V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
16K SPI Bus Serial EEPROM
2006
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
16K SPI Bus Serial EEPROM
2009
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
16K SPI Bus Serial EEPROM
10/26/12
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
10/26/12
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
16K SPI Bus Serial EEPROM
07/12/04
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com