Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29023IROZ-T7 Datasheet (PDF) - Intersil Corporation

ISL29023IROZ-T7 Datasheet PDF - Intersil Corporation
Part # ISL29023IROZ-T7
Download  ISL29023IROZ-T7 Download
File Size   623.24 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Light Sensor with Interrupt

ISL29023IROZ-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29023IROZ-T7 Datasheet PDF - Intersil Corporation

Part # ISL29023IROZ-T7
Download  ISL29023IROZ-T7 Click to download

File Size   623.24 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Integrated Digital Light Sensor with Interrupt

ISL29023IROZ-T7 Datasheet (HTML) - Intersil Corporation


ISL29023IROZ-T7 Product details

The ISL29023 is an integrated ambient and infrared light to
digital converter with I2C (SMBus Compatible) Interface. Its
advanced self-calibrated photodiode array emulates human eye
response with excellent IR rejection. The on-chip ADC is capable
of rejecting 50Hz and 60Hz flicker caused by artificial light
sources. The lux range select feature allows users to program the
lux range for optimized counts/lux.
For ambient light sensing, an internal 16-bit ADC has been
designed based upon the charge-balancing technique. The
ADC conversion time is nominally 90ms and is user adjustable
from 11µs to 90ms, depending on oscillator frequency and
ADC resolution. In normal operation, typical current
consumption is 70µA. In order to further minimize power
consumption, two power-down modes have been provided. If
polling is chosen over continuous measurement of light, the
auto-power-down function shuts down the whole chip after
each ADC conversion for the measurement. The other
power-down mode is controlled by software via the I2C
interface. The power consumption can be reduced to less than
0.3µA when powered down.
The ISL29023 supports a software and hardware interrupt that
remains asserted until the host clears it through I2C interface.
Function of ADC conversion continues without stopping after
interrupt is asserted.
Designed to operate on supplies from 2.25V to 3.63V with an I2C
supply from 1.7V to 3.63V, the ISL29023 is specified for
operation over the -40°C to +85°C ambient temperature range.

Features
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16-bits ADC
• Integrated noise reduction . . . . . . . . . . . . . . . . . . . . . 50/60Hz
• Light sensor close to human eye response
• Excellent light sensor IR and UV rejection
• Range selection via I2C
- Range1 = 0.015 to 1,000 Lux
- Range2 = 0.06 to 4,000 Lux
- Range3 = 0.24 to 16,000 Lux
- Range4 = 0.96 to 64,000 Lux
• Shutdown modes . . . . . . . . . . . . . . . .Software and Automatic
• Supply current (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85µA
• Shutdown current (Max) . . . . . . . . . . . . . . . . . . . . . . . . . .0.3µA
• Control interface . . . . . . . . . . . . . . . I2C and SMB Compatible
• I2C power supply . . . . . . . . . . . . . . . . . . . . . . . . . 1.7V to 3.63V
• Sensor power supply . . . . . . . . . . . . . . . . . . . . . 2.25V to 3.63V
• Operating temperature range. . . . . . . . . . . . . -40°C to +85°C
• Small form factor package . . . . . . . . .6 Ld 2.0x2.1x0.7 ODFN

Applications
• Mobile devices: smart phone, PDA, GPS
• Computing devices: Notebook PC, Webpad
• Consumer devices: LCD-TV, digital picture frame, digital camera
• Industrial and medical light sensing




Similar Part No. - ISL29023IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29023IROZ-T7 INTERSIL-ISL29023IROZ-T7 Datasheet
511Kb / 11P
Integrated Digital Ambient Light Sensor with Interrupt Function
July 17, 2012
logo
Renesas Technology Corp
ISL29023IROZ-T7 RENESAS-ISL29023IROZ-T7 Datasheet
882Kb / 14P
Integrated Digital Light Sensor with Interrupt
More results


Similar Description - ISL29023IROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
Integrated Digital Ambient Light Sensor with Interrupt Function
July 17, 2012
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Cooper Bussmann, Inc.
ISL29035 COOPER-ISL29035 Datasheet
101Kb / 2P
Integrated Digital Light Sensor with Interrupt
logo
Intersil Corporation
ISL29035 INTERSIL-ISL29035 Datasheet
101Kb / 2P
Integrated Digital Light Sensor with Interrupt
September 18, 2013
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29035 INTERSIL-ISL29035_14 Datasheet
476Kb / 16P
Integrated Digital Light Sensor with Interrupt
November 12, 2014
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
Integrated Digital Light Sensor with Interrupt
ISL29035 RENESAS-ISL29035 Datasheet
774Kb / 17P
Integrated Digital Light Sensor with Interrupt
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com