Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C320-P Datasheet (PDF) - Microchip Technology

24C320-P Datasheet PDF - Microchip Technology
Part # 24C320-P
Download  24C320-P Download
File Size   86.05 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V SPI Bus Serial EEPROM

24C320-P Datasheet (PDF)

Go To PDF Page Download Datasheet
24C320-P Datasheet PDF - Microchip Technology

Part # 24C320-P
Download  24C320-P Click to download

File Size   86.05 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 32K 5.0V SPI Bus Serial EEPROM

24C320-P Datasheet (HTML) - Microchip Technology


24C320-P Product details

Description:
The Microchip Technology Inc. 25AA320/25LC320/25C320 (25XX320*) are 32 Kbit serial Electrically
Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface (SPI™) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.
Communication to the device can be paused via the hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the exception of Chip Select, allowing the host to service higher priority interrupts.

Features:
• Low-power CMOS technology:
   - Write current: 3 mA maximum
   - Read current: 500µA typical
   - Standby current: 500 nA typical
• 4096 x 8 bit organization
• 32 byte page
• Write cycle time: 5 ms maximum
• Self-timed erase and write cycles
• Block write protection:
   - Protect none, 1/4, 1/2 or all of array
• Built-in write protection:
   - Power on/off data protection circuitry
   - Write enable latch
- Write-protect pin
• Sequential read
• High reliability:
   - Endurance: 1M E/W cycles
   - Data retention: > 200 years
   - ESD protection: > 4000V
• 8-pin PDIP, SOIC and TSSOP packages
• 14-lead TSSOP package
• Temperature ranges supported:
   - Industrial (I): -40°Cto +85°C
   - Automotive (E): -40°C to +125°C




Similar Part No. - 24C320-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C32 MICROCHIP-24C32 Datasheet
94Kb / 12P
32K 5.0V I2C Smart Serial EEPROM
1996
24C32 MICROCHIP-24C32 Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
logo
ATMEL Corporation
24C32 ATMEL-24C32 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
logo
Microchip Technology
24C32-/SM MICROCHIP-24C32-/SM Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
24C32-/SP MICROCHIP-24C32-/SP Datasheet
137Kb / 14P
32K 5.0V I2C Smart Serial EEPROM
2004
More results


Similar Description - 24C320-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
32K 2.5V SPI Bus Serial EEPROM
1996
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
32K SPI Bus Serial EEPROM
2004
25AA320A MICROCHIP-25AA320A Datasheet
425Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
32K SPI Bus Serial EEPROM
2009
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
2008
25C320 MICROCHIP-25C320 Datasheet
284Kb / 24P
32K SPI Bus Serial EEPROM
07/12/04
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
32K SPI Bus Serial EEPROM
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com