Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL29033 Datasheet (PDF) - Intersil Corporation

ISL29033 Datasheet PDF - Intersil Corporation
Part # ISL29033
Download  ISL29033 Download
File Size   465.84 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function

ISL29033 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29033 Datasheet PDF - Intersil Corporation

Part # ISL29033
Download  ISL29033 Click to download

File Size   465.84 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function

ISL29033 Datasheet (HTML) - Intersil Corporation


ISL29033 Product details

The ISL29033 is an integrated ambient and infrared light to
digital converter with I2C (SMBus Compatible) interface. Its
advanced, self-calibrated photodiode array emulates human
eye response with excellent IR rejection. The on-chip 16-bit
ADC is capable of rejecting 50Hz and 60Hz flicker caused by
artificial light sources. The lux range select feature allows
users to program the lux range for optimized counts/lux.
Power consumption can be reduced to less than 0.3µA when
powered down.
The ISL29033 supports a software and hardware interrupt that
remains asserted until the host clears it through the I2C
interface. The function of ADC conversion continues without
stopping after interrupt is asserted.
Designed to operate on supplies from 2.25V to 3.63V with an
I2C supply from 1.7V to 3.63V, the ISL29033 is specified for
operation over the -40°C to +85°C ambient temperature
range.

Features
• Ambient light sensing
• Simple output code directly proportional to Lux
• Variable conversion resolution up to 16 bits
• Adjustable sensitivity up to 520 counts per Lux
• Measurement range: 0.0019 to 8,000lux with four
selectable ranges
• Program interrupt feature
• Light sensor close to human eye response
- Excellent light sensor IR and UV rejection
• 75μA max operating current
- 0.3μA max shutdown current
• 6 Ld 2.0mmx2.1mmx0.7mm ODFN package

Applications
• Display and keypad dimming adjustment for:
- Mobile devices: smart phone, PDA, GPS
- Computing devices: notebook PC, webpad
- Consumer devices: LCD-TV, digital picture frame, digital
camera
• Industrial and medical light sensing




Similar Part No. - ISL29033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29033 INTERSIL-ISL29033 Datasheet
485Kb / 15P
Simple output code directly proportional to lux
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033 INTERSIL-ISL29033 Datasheet
468Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
468Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
logo
Renesas Technology Corp
ISL29033IROZ-EVALZ RENESAS-ISL29033IROZ-EVALZ Datasheet
771Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
More results


Similar Description - ISL29033

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 14, 2009
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
Integrated Digital Ambient Light Sensor with Interrupt Function
July 17, 2012
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
February 11, 2010
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 5, 2011
ISL29033IROZ-T7 INTERSIL-ISL29033IROZ-T7 Datasheet
468Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com