Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C128 Datasheet (PDF) - Microchip Technology

27C128 Datasheet PDF - Microchip Technology
Part # 27C128
Download  27C128 Download
File Size   62.48 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K (16K x 8) CMOS EPROM

27C128 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C128 Datasheet PDF - Microchip Technology

Part # 27C128
Download  27C128 Click to download

File Size   62.48 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 128K (16K x 8) CMOS EPROM

27C128 Datasheet (HTML) - Microchip Technology


27C128 Product details

DESCRIPTION
The Microchip Technology Inc. 27C128 is a CMOS 128K bit (electrically) Programmable Read Only Memory. The device is organized as 16K words by 8 bits (16K bytes). Accessing individual bytes from an address transition or from power-up (chip enable pin going low) is accomplished in less than 120 ns. CMOS design and processing enables this part to be used in systems where reduced power consumption and high reliability are requirements.A complete family of packages is offered to provide the most flexibility in applications. For surface mount applications, PLCC, SOIC, or TSOP packaging is available. Tape and reel packaging is also available for PLCC or SOIC packages. UV erasable versions are also available.

FEATURES
• High speed performance
   - 120 ns access time available
• CMOS Technology for low power consumption
   - 20 mA Active current
   - 100 µA Standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• Separate chip enable and output enable controls
• High speed “express” programming algorithm
• Organized 16K x 8: JEDEC standard pinouts
   - 28-pin Dual-in-line package
   - 32-pin PLCC Package
   - 28-pin SOIC package
   - Tape and reel
• Available for the following temperature ranges:
   - Commercial: 0°C to +70°C
   - Industrial: -40°C to +85°C
   - Automotive: -40°C to +125°C




Similar Part No. - 27C128

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
27C128 INTEL-27C128 Datasheet
1Mb / 10P
64K(8K x 8) UV ERASABLE PROMs
logo
Microchip Technology
27C128-12/L MICROCHIP-27C128-12/L Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
27C128-12/P MICROCHIP-27C128-12/P Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
27C128-12/SO MICROCHIP-27C128-12/SO Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
27C128-12E/L MICROCHIP-27C128-12E/L Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
More results


Similar Description - 27C128

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS57C128FB STMICROELECTRONICS-WS57C128FB Datasheet
48Kb / 5P
HIGH SPEED 16K x 8 CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
128K x 8 High-Speed CMOS EPROM
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com