Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS27C010L Datasheet (PDF) - STMicroelectronics

WS27C010L Datasheet PDF - STMicroelectronics
Part # WS27C010L
Download  WS27C010L Download
File Size   48.37 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Military 128K x 8 CMOS EPROM

WS27C010L Datasheet (PDF)

Go To PDF Page Download Datasheet
WS27C010L Datasheet PDF - STMicroelectronics

Part # WS27C010L
Download  WS27C010L Click to download

File Size   48.37 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Military 128K x 8 CMOS EPROM

WS27C010L Datasheet (HTML) - STMicroelectronics




Similar Part No. - WS27C010L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12 STMICROELECTRONICS-WS27C256L-12 Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12CMB STMICROELECTRONICS-WS27C256L-12CMB Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12DMB STMICROELECTRONICS-WS27C256L-12DMB Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12TMB STMICROELECTRONICS-WS27C256L-12TMB Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
More results


Similar Description - WS27C010L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
128K (16K x 8) CMOS EPROM
1996
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
128K x 8 High-Speed CMOS EPROM
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com