Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS27C010L Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS27C010L
Description  Military 128K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS27C010L Datasheet(HTML) 1 Page - STMicroelectronics

  WS27C010L Datasheet HTML 1Page - STMicroelectronics WS27C010L Datasheet HTML 2Page - STMicroelectronics WS27C010L Datasheet HTML 3Page - STMicroelectronics WS27C010L Datasheet HTML 4Page - STMicroelectronics WS27C010L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
27C010L-90
27C010L-12
27C010L-15
27C010L-17
27C010L-20
Address Access Time (Max)
90 ns
120 ns
150 ns
170 ns
200 ns
Chip Select Time (Max)
90 ns
120 ns
150 ns
170 ns
200 ns
Output Enable Time (Max)
35 ns
35 ns
40 ns
40 ns
40 ns
WS27C010L
TOP VIEW
Chip Carrier
CERDIP
PIN CONFIGURATION
4-25
Military 128K x 8 CMOS EPROM
KEY FEATURES
• High Performance CMOS
• DESC SMD No. 5962-89614
— 90 ns Access Time
• Compatible with JEDEC 27010 and
• Fast Programming
27C010 EPROMs
• EPI Processing
• JEDEC Standard Pin Configuration
— Latch-Up Immunity to 200 mA
— 32 Pin CERDIP Package
— ESD Protection Exceeds 2000 Volts
— 32 Pin Leadless Chip Carrier (CLLCC)
GENERAL DESCRIPTION
The WS27C010L is a performance oriented 1 Meg UV Erasable Electrically Programmable Read Only Memory
organized as 128K words x 8 bits/word. It is manufactured using an advanced CMOS technology which enables it to
operate at data access times as fast as 120 nsecs. The memory was designed utilizing WSI's patented self-aligned
split gate EPROM cell, resulting in a low power device with a very cost effective die size.
The WS27C010L 1 Meg EPROM provides extensive code store capacity for microprocessor, DSP, and
microcontroller-based systems. Its 120 nsec access time over the full Military temperature range provides the
potential of no-wait state operation. And where this parameter is important, the WS27C010L provides the user with
a very fast 35 nsec TOE output enable time.
The WS27C010L is offered in both a 32 pin 600 mil CERDIP, and a 32 pad Ceramic Leadless Chip Carrier
(CLLCC) for surface mount applications. Its standard JEDEC EPROM pinouts provide for automatic upgrade
density paths for existing 128K and 256K EPROM users.
A14
A13
A8
A9
A11
OE
A10
CE
O7
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1 O2
O3 O4 O5 O6
1
43
2
32 31 30
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19 20
VCC
PGM
NC
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Return to Main Menu


Similar Part No. - WS27C010L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12 STMICROELECTRONICS-WS27C256L-12 Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12CMB STMICROELECTRONICS-WS27C256L-12CMB Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12DMB STMICROELECTRONICS-WS27C256L-12DMB Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS27C256L-12TMB STMICROELECTRONICS-WS27C256L-12TMB Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
More results

Similar Description - WS27C010L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
128K (16K x 8) CMOS EPROM
1996
logo
Holtek Semiconductor In...
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
December 8, 2003
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
logo
Cypress Semiconductor
27H010 CYPRESS-27H010 Datasheet
212Kb / 9P
128K x 8 High-Speed CMOS EPROM
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
128K (16K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com