Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS27C010L Datasheet(PDF) 4 Page - STMicroelectronics

Part # WS27C010L
Description  Military 128K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS27C010L Datasheet(HTML) 4 Page - STMicroelectronics

  WS27C010L Datasheet HTML 1Page - STMicroelectronics WS27C010L Datasheet HTML 2Page - STMicroelectronics WS27C010L Datasheet HTML 3Page - STMicroelectronics WS27C010L Datasheet HTML 4Page - STMicroelectronics WS27C010L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PROGRAMMING INFORMATION
DC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 ± 0.25 V, VPP = 12.75 ± 0.25 V. See Notes 8, 9 and 10)
SYMBOLS
PARAMETER
MIN
MAX
UNITS
ILI
Input Leakage Current (VIN = VCC or Gnd)
–10
10
µA
IPP
VPP Supply Current During
60
mA
Programming Pulse (CE = PGM = VIL)
ICC
VCC Supply Current
50
mA
VIL
Input Low Voltage
–0.1
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.3
V
VOL
Output Low Voltage During Verify (IOL = 2.1 mA)
0.4
V
VOH
Output High Voltage During Verify (IOH = –400 µA)
3.5
V
SYMBOLS
PARAMETER
MIN
TYP
MAX
UNITS
tAS
Address Setup Time
2
µs
tOES
Output Enable Setup Time
2
µs
tOS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tOH
Data Hold Time
2
µs
tDF
Chip Disable to Output Float Delay
0
55
ns
tOE
Data Valid From Output Enable
55
ns
tVS/tCES
VPP Setup Time/CE Setup Time
2
µs
tPW
PGM Pulse Width
0.1
3
4
ms
WS27C010L
4-28
NOTES: 8. VCC must be applied either coincidentally or before VPP and removed either coincidentally or after VPP.
9. VPP must not be greater than 14 volts including overshoot. During CE = PGM = VIL, VPP must not be switched from 5 volts
to 12.75 volts or vice-versa.
10. During power up the PGM pin must be brought high (
≥ V
IH) either coincident with or before power is applied to VPP.
AC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 ± 0.25 V, VPP = 12.75 ± 0.25 V)
PROGRAMMING WAVEFORM
ADDRESS STABLE
ADDRESSES
VPP
VPP
VCC
VIH
VIL
CE
DATA
tAS
tPW
tOS
tOH
tOE
tAH
tDF
tVS
tCES
tOES
DATA OUT
DATA IN STABLE
OE
PGM
VIH
VIL
VIH
VIL
VALID
HIGH Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com