Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS27C010L Datasheet(PDF) 5 Page - STMicroelectronics

Part # WS27C010L
Description  Military 128K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS27C010L Datasheet(HTML) 5 Page - STMicroelectronics

  WS27C010L Datasheet HTML 1Page - STMicroelectronics WS27C010L Datasheet HTML 2Page - STMicroelectronics WS27C010L Datasheet HTML 3Page - STMicroelectronics WS27C010L Datasheet HTML 4Page - STMicroelectronics WS27C010L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ORDERING INFORMATION
OPERATING
WSI
PART NUMBER
TEMPERATURE MANUFACTURING
RANGE
PROCEDURE
WS27C010L-12CMB
*
120
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS27C010L-12DMB
*
120
32 Pin CERDIP, 0.6"
D4
Military
MIL-STD-883C
WS27C010L-15CMB
150
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS27C010L-15DMB
150
32 Pin CERDIP, 0.6"
D4
Military
MIL-STD-883C
WS27C010L-17CMB
*
170
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS27C010L-17DMB
*
170
32 Pin CERDIP, 0.6"
D4
Military
MIL-STD-883C
WS27C010L-20CMB
*
200
32 Pad CLLCC
C2
Military
MIL-STD-883C
WS27C010L-20DMB
*
200
32 Pin CERDIP, 0.6"
D4
Military
MIL-STD-883C
4-29
WS27C010L
NOTE: 14. The actual part marking will not include the initials "WS."
*SMD product. See page 4-2 for SMD number.
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS
REFER TO
PAGE 5-1
The WS27C010L is programmed using Algorithm E shown on page 5-11.
(This product can also be programmed by using National Semiconductor's 27C010 Programming Algorithm.)
SPEED
PACKAGE
PACKAGE
(ns)
TYPE
DRAWING
MODE
PINS
CE
OE
PGM
A9
A0
VPP
VCC
OUTPUTS
Read
VIL
VIL
X
(11)
X
X
X
5.0 V
DOUT
Output Disable
X
VIH
XXXX
5.0 V
High Z
Standby
VIH
XXXXX
5.0 V
High Z
Programming
VIL
VIH
VIL
XX
VPP
(12)
6.0 V
DIN
Program Verify
VIL
VIL
VIH
XX
VPP
(12)
6.0 V
DOUT
Program Inhibit
VIH
XXXX
VPP
(12)
5.0 V
High Z
Signature
Manufacturer(13)
VIL
VIL
XVH
(12)
VIL
X
5.0 V
23 H
Device(13)
VIL
VIL
XVH
(12)
VIH
X
5.0 V
C1 H
MODE SELECTION
The modes of operation of the WS27C010L are listed below. A single 5 V power supply is required in the read
mode. All inputs are TTL levels except for VPP and A9 for device signature.
NOTES: 11. X can be VIL or VIH.
12. VH = VPP = 12.75 ± 0.25 V.
13. A1 – A8, A10 – A16 = VIL.
Return to Main Menu



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com