Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27LV256 Datasheet (PDF) - Microchip Technology

27LV256 Datasheet PDF - Microchip Technology
Part # 27LV256
Download  27LV256 Download
File Size   64.85 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K (32K x 8) Low-Voltage CMOS EPROM

27LV256 Datasheet (PDF)

Go To PDF Page Download Datasheet
27LV256 Datasheet PDF - Microchip Technology

Part # 27LV256
Download  27LV256 Click to download

File Size   64.85 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K (32K x 8) Low-Voltage CMOS EPROM

27LV256 Datasheet (HTML) - Microchip Technology


27LV256 Product details

DESCRIPTION
The Microchip Technology Inc. 27LV256 is a low voltage (3.0 volt) CMOS EPROM designed for battery powered applications. The device is organized as a 32K x 8 (32K-Byte) non-volatile memory product. The 27LV256 consumes only 8 mA maximum of active current during a 3.0 volt read operation therefore improving battery performance. This device is designed for very low voltage applications where conventional 5.0 volt only EPROMS can not be used. Accessing individual bytes from an address transition or from power-up (chip enable pin going low) is accomplished in less than 200 ns at 3.0V. This device allows systems designers the ability to use low voltage non-volatile memory with today’s low voltage microprocessors and peripherals in battery powered applications.

FEATURES
• Wide voltage range 3.0V to 5.5V
• High speed performance
   - 200 ns access time available at 3.0V
• CMOS Technology for low power consumption
   - 8 mA Active current at 3.0V
   - 20 mA Active current at 5.5V
   - 100 µA Standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• Separate chip enable and output enable controls
• High speed “Express” programming algorithm
• Organized 32K x 8: JEDEC standard pinouts
   - 28-pin Dual-in-line package
   - 32-pin PLCC package
   - 28-pin SOIC package
   - 28-pin VSOP package
   - Tape and reel
• Data Retention > 200 years
• Available for the following temperature ranges:
   - Commercial: 0˚C to +70˚C
   - Industrial: -40˚C to +85˚C




Similar Part No. - 27LV256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
256K (32K x 8) Low-Voltage CMOS EPROM
2004
More results


Similar Description - 27LV256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
256K 32K x 8 Low Voltage OTP CMOS EPROM
AT28LV256 ATMEL-AT28LV256 Datasheet
602Kb / 10P
256K 32K x 8 Low Voltage CMOS E2PROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
256K (32K x 8) Low-voltage OTP EPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com