Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C256 Datasheet (PDF) - Microchip Technology

27C256 Datasheet PDF - Microchip Technology
Part # 27C256
Download  27C256 Download
File Size   67.15 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K (32K x 8) CMOS EPROM

27C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C256 Datasheet PDF - Microchip Technology

Part # 27C256
Download  27C256 Click to download

File Size   67.15 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K (32K x 8) CMOS EPROM

27C256 Datasheet (HTML) - Microchip Technology


27C256 Product details

DESCRIPTION
The Microchip Technology Inc. 27C256 is a CMOS 256K bit electrically Programmable Read Only Memory (EPROM). The device is organized as 32K words by 8 bits (32K bytes). Accessing individual bytes from an address transition or from power-up (chip enable pin going low) is accomplished in less than 90 ns. This very high speed device allows the most sophisticated microprocessors to run at full speed without the need for WAIT states. CMOS design and processing enables this part to be used in systems where reduced power consumption and reliability are requirements.

FEATURES
• High speed performance
   - 90 ns access time available
• CMOS Technology for low power consumption
   - 20 mA Active current
   - 100 µA Standby current
• Factory programming available
• Auto-insertion-compatible plastic packages
• Auto ID aids automated programming
• Separate chip enable and output enable controls
• High speed “express” programming algorithm
• Organized 32K x 8: JEDEC standard pinouts
   - 28-pin Dual-in-line package
   - 32-pin PLCC Package
   - 28-pin SOIC package
   - 28-pin Thin Small Outline Package (TSOP)
   - 28-pin Very Small Outline Package (VSOP)
   - Tape and reel
• Data Retention > 200 years
• Available for the following temperature ranges:
   - Commercial: 0˚C to +70˚C
   - Industrial: -40˚C to +85˚C
   - Automotive: -40˚C to +125˚C




Similar Part No. - 27C256

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Intel Corporation
27C256 INTEL-27C256 Datasheet
1Mb / 10P
64K(8K x 8) UV ERASABLE PROMs
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
SYC Electronica
27C256 SYC-27C256 Datasheet
231Kb / 10P
262,144-Bit (32,768 x 8) UV Erasable CMOS PROM Military Qualified
logo
Macronix International
27C256-10 MCNIX-27C256-10 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
More results


Similar Description - 27C256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
256K 32K x 8 Low Voltage OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
256K (32K x 8) Low-Voltage CMOS EPROM
1996
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
256K (32K x 8-Bit) OTP EPROM
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com