Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C256 Datasheet (PDF) - SYC Electronica

27C256 Datasheet PDF - SYC Electronica
Part # 27C256
Download  27C256 Download
File Size   231.27 Kbytes
Page   10 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 262,144-Bit (32,768 x 8) UV Erasable CMOS PROM Military Qualified

27C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C256 Datasheet PDF - SYC Electronica

Part # 27C256
Download  27C256 Click to download

File Size   231.27 Kbytes
Page   10 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 262,144-Bit (32,768 x 8) UV Erasable CMOS PROM Military Qualified

27C256 Datasheet (HTML) - SYC Electronica


27C256 Product details

General Description
The 27C256 is a high-speed 256K UV erasable and electrically
reprogrammable CMOS EPROM, ideally suited for applications
where fast turnaround, pattern experimentation
and low power consumption are important requirements.
The 27C256 is designed to operate with a single a5V power
supply with g10% tolerance. The CMOS design allows
the part to operate over Military Temperature Range.
The 27C256 is packaged in a 28-pin dual-in-line package
with transparent lid and a 32-pin windowed LCC. The transparent
lid allows the user to expose the chip to ultraviolet
light to erase the bit pattern. A new pattern can then be
written electrically into the device by following the programming
procedure.
This EPROM is fabricated with National's proprietary, time
proven CMOS double-poly silicon gate technology which
combines high performance and high density with low power
consumption and excellent reliability.
The 27C256 specified on this data sheet is fully compliant
with MIL-STD-883, Revision C.

Features
Y Clocked sense amps for fast access time down to
250 ns
Y Low CMOS power consumption
Ð Active power: 55 mW max
Ð Standby power: 0.55 mW max
Y Performance compatible to NSC800TM CMOS
microprocessor
Y Single 5V power supply
Y Pin compatible with NMOS 256K EPROMs
Y Fast and reliable programming (0.5 ms for most bytes)
Y Static operationÐno clocks required
Y TTL, CMOS compatible inputs/outputs
Y TRI-STATEÉ output
Y Optimum EPROM for total CMOS systems
Y Windowed DIP and LCC package options
Y Specifications guaranteed over full military temperature
range (b55§C to a125§C)
Y This device is processed in compliance with SMD
86063, and the DIP version is dual marked




Similar Part No. - 27C256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
logo
National Semiconductor ...
27C256 NSC-27C256 Datasheet
182Kb / 12P
262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Intel Corporation
27C256 INTEL-27C256 Datasheet
1Mb / 10P
64K(8K x 8) UV ERASABLE PROMs
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Macronix International
27C256-10 MCNIX-27C256-10 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
More results


Similar Description - 27C256

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
4096 x 8-BIT UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
STMicroelectronics
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
16K BIT CMOS UV ERASABLE PROM
logo
National Semiconductor ...
27C16 NSC-27C16 Datasheet
111Kb / 8P
16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified
MM1702A NSC-MM1702A Datasheet
355Kb / 6P
MM1702A 2048-Bit (256 x 8 ) UV Erasable PROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
M2716 INTEL-M2716 Datasheet
400Kb / 7P
16K (2K x 8) UV ERASABLE PROM
logo
National Semiconductor ...
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
262, 144-Bit (32k X 8) UV Erasable CMOS PROM
logo
STMicroelectronics
ETC2732 STMICROELECTRONICS-ETC2732 Datasheet
485Kb / 10P
32K BIT (4Kx8) CMOS UV ERASABLE PROM
Jun-1988
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com