Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

37LV36 Datasheet (PDF) - Microchip Technology

37LV36 Datasheet PDF - Microchip Technology
Part # 37LV36
Download  37LV36 Download
File Size   88.82 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 36K, 64K, and 128K Serial EPROM Family

37LV36 Datasheet (PDF)

Go To PDF Page Download Datasheet
37LV36 Datasheet PDF - Microchip Technology

Part # 37LV36
Download  37LV36 Click to download

File Size   88.82 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 36K, 64K, and 128K Serial EPROM Family

37LV36 Datasheet (HTML) - Microchip Technology


37LV36 Product details

DESCRIPTION
The Microchip Technology Inc. 37LV36/65/128 is a family of Serial OTP EPROM devices organized inter nally in a x32 configuration. The family also features a cascadable option for increased memory storage where needed. The 37LV36/65/128 is suitable for many applications in which look-up table information storage is desirable and provides full static operation in the 3.0V to 6.0V VCCrange. The devices also support the industry standard serial interface to the popular RAM-based Field Programmable Gate Arrays (FPGA).

FEATURES
• Operationally equivalent to Xilinx® XC1700 family
• Wide voltage range 3.0 V to 6.0 V
• Maximum read current 10 mA at 5.0 V
• Standby current 100 µA typical
• Industry standard Synchronous Serial Interface/1 bit per rising edge of clock
• Full Static Operation
• Sequential Read/Program
• Cascadable Output Enable
• 10 MHz Maximum Clock Rate @ 5.0 Vdc
• Programmable Polarity on Hardware Reset
• Programming with industry standard EPROM programmers
• Electrostatic discharge protection > 4,000 volts
• 8-pin PDIP/SOIC and 20-pin PLCC packages
• Data Retention > 200 years
• Temperature ranges:
- Commercial: 0°C to +70°C
- Industrial: -40°C to +85°C




Similar Part No. - 37LV36

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
37LV36-/L MICROCHIP-37LV36-/L Datasheet
143Kb / 14P
36K, 64K, and 128K Serial EPROM Family
2004
37LV36-/P MICROCHIP-37LV36-/P Datasheet
143Kb / 14P
36K, 64K, and 128K Serial EPROM Family
2004
37LV36-/SN MICROCHIP-37LV36-/SN Datasheet
143Kb / 14P
36K, 64K, and 128K Serial EPROM Family
2004
37LV36-I/L MICROCHIP-37LV36-I/L Datasheet
143Kb / 14P
36K, 64K, and 128K Serial EPROM Family
2004
37LV36-I/P MICROCHIP-37LV36-I/P Datasheet
143Kb / 14P
36K, 64K, and 128K Serial EPROM Family
2004
More results


Similar Description - 37LV36

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
64K/128K-Bit SPI Serial CMOS E2PROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
64K (8K x 8) UV EPROM and OTP ROM
Mar-1995
logo
List of Unclassifed Man...
EN27C512 ETC-EN27C512 Datasheet
106Kb / 12P
512KBIT EPROM (64K x 8)
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
08-Nov-2004
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
08-Nov-2004
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
512 Kbit (64K x8) UV EPROM and OTP EPROM
18-May-2007
logo
Microchip Technology
37LV36 MICROCHIP-37LV36_04 Datasheet
143Kb / 14P
36K, 64K, and 128K Serial EPROM Family
2004
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
CMOS 64K x 8-Bit SPI Serial OTP EPROM
June 14, 2004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com