Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL5216 Datasheet (PDF) - Intersil Corporation

ISL5216 Datasheet PDF - Intersil Corporation
Part # ISL5216
Download  ISL5216 Download
File Size   971.16 Kbytes
Page   65 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Four-Channel Programmable Digital Downconverter

ISL5216 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL5216 Datasheet PDF - Intersil Corporation

Part # ISL5216
Download  ISL5216 Click to download

File Size   971.16 Kbytes
Page   65 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Four-Channel Programmable Digital Downconverter

ISL5216 Datasheet (HTML) - Intersil Corporation


ISL5216 Product details

The ISL5216 Quad Programmable Digital Downconverter
(QPDC) is designed for high dynamic range applications
such as cellular basestations where multiple channel
processing is required in a small physical space. The QPDC
combines into a single package a set of four channels which
include: digital mixers, a quadrature carrier NCO, digital
filters, a resampling filter, a Cartesian-to-polar coordinate
converter and an AGC loop.
The ISL5216 accepts four channels of 16-bit fixed or up to
14-bit mantissa/3-bit exponent floating point real or complex
digitized IF samples which are mixed with local quadrature
sinusoids. Each channel carrier NCO frequency is set
independently by the microprocessor. The output of the
mixers are filtered with a CIC and FIR filters, with a variety of
decimation options. Gain adjustment is provided on the
filtered signal. The digital AGC provides a gain adjust range
of up to 96dB with programmable thresholds and slew rates.
A cartesian to polar coordinate converter provides
magnitude and phase outputs. A frequency discriminator is
also provided to allow FM demodulation. Selectable outputs
include I samples, Q samples, Magnitude, Phase,
Frequency and AGC gain. The output resolution is
selectable from 4-bit fixed point to 32-bit floating point.
Output bandwidths in excess of 1MHz are achievable using
a single channel. Wider bandwidths are available by
cascading or polyphasing multiple channels.

Features
• Up to 95MSPS Input
• Four Independently Programmable Downconverter
Channels in a single package
• Four Parallel 17-Bit Inputs providing 16-bit fixed or one of
several 17-bit floating point formats
• 32-Bit Programmable Carrier NCO with > 115dB SFDR
• 110dB FIR Out of Band Attenuation
• Decimation from 4 to >65536
• 24-bit Internal Data Path
• Digital AGC with up to 96dB of Gain Range
• Filter Functions
- 1- to 5-Stage CIC Filter
- Halfband Decimation and Interpolation FIR Filtering
- Programmable FIR Filtering
- Resampling FIR Filtering
• Cascadable Filtering for Additional Bandwidth
• Four Independent Serial Outputs
• 2.5V Core, 3.3V I/O Operation
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Narrow-Band TDMA through IS-95 CDMA Digital Software
Radio and Basestation Receivers
• Wide-Band Applications: W-CDMA and UMTS Digital
Software Radio and Basestation Receivers




Similar Part No. - ISL5216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
February 2002
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
July 8, 2005
ISL5216 INTERSIL-ISL5216 Datasheet
969Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
February 2002
More results


Similar Description - ISL5216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
Four-Channel Programmable Digital DownConverter
2000 02
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
February 2002
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
July 8, 2005
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
Four-Channel Programmable Digital Downconverter
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com