Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60021 Datasheet (PDF) - Microchip Technology

60021 Datasheet PDF - Microchip Technology
Part # 60021
Download  60021 Download
File Size   553.83 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 MHz Bandwidth Low Power Op Amp

60021 Datasheet (PDF)

Go To PDF Page Download Datasheet
60021 Datasheet PDF - Microchip Technology

Part # 60021
Download  60021 Click to download

File Size   553.83 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 MHz Bandwidth Low Power Op Amp

60021 Datasheet (HTML) - Microchip Technology


60021 Product details

Description
The Microchip Technology Inc. MCP6001/2/4 family of operational amplifiers (op amps) is specifically designed for general-purpose applications. This family has a 1 MHz Gain Bandwidth Product (GBWP) and 90° phase margin (typ.). It also maintains 45° phase margin (typ.) with a 500 pF capacitive load. This family operates from a single supply voltage as low as 1.8V, while drawing 100 µA (typ.) quiescent current. Additionally, the MCP6001/2/4 supports rail-to-rail input and output swing, with a common mode input voltage range of VDD+300mV to VSS– 300 mV. This
family of op amps is designed with Microchip’s advanced CMOS process.

Features
• Available in SC-70-5 and SOT-23-5 packages
• Gain Bandwidth Product: 1 MHz (typ.)
• Rail-to-Rail Input/Output
• Supply Voltage: 1.8V to 5.5V
• Supply Current: IQ= 100 µA (typ.)
• Phase Margin: 90° (typ.)
• Temperature Range:
    - Industrial: -40°C to +85°C
    - Extended: -40°C to +125°C
• Available in Single, Dual and Quad Packages

Applications
• Automotive
• Portable Equipment
• Photodiode Amplifier
• Analog Filters
• Notebooks and PDAs
• Battery-Powered Systems




Similar Part No. - 60021

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6002 SCHURTER-6002 Datasheet
263Kb / 2P
Interconnection Cord with Plug 6A 3pole, Straight
logo
List of Unclassifed Man...
6002 ETC2-6002 Datasheet
373Kb / 1P
PLUGS AND JACKS
logo
3M Electronics
6002 3M-6002 Datasheet
1Mb / 8P
3M??Reusable Respirators
logo
Heyco.
6002 HEYCO-6002 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
Toshiba Semiconductor
6002-000515 TOSHIBA-6002-000515 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results


Similar Description - 60021

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9617 AD-AD9617 Datasheet
140Kb / 10P
Low Distortion, Precision, Wide Bandwidth Op Amp
REV.B
AD9618 AD-AD9618 Datasheet
414Kb / 8P
Low Distortion, Precision, Wide Bandwidth Op Amp
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001_05 Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622 Datasheet
1Mb / 10P
Precision, High-Bandwidth Op Amp
Rev 0; 9/10
logo
Analog Devices
AD9618 AD-AD9618_15 Datasheet
474Kb / 8P
LOW DISTORTION PRECISION WIDE BANDWIDTH OP AMP
REV. A
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
80 MHz Low-Power SC70 Op Amp
05/14/19
logo
Maxim Integrated Produc...
MAX9622 MAXIM-MAX9622_V01 Datasheet
777Kb / 10P
Precision, High-Bandwidth Op Amp
2015
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com