Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1269 Datasheet (PDF) - Microchip Technology

TC1269 Datasheet PDF - Microchip Technology
Part # TC1269
Download  TC1269 Download
File Size   432.72 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 300mA CMOS LDO with Shutdown and VREF Bypass

TC1269 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1269 Datasheet PDF - Microchip Technology

Part # TC1269
Download  TC1269 Click to download

File Size   432.72 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 300mA CMOS LDO with Shutdown and VREF Bypass

TC1269 Datasheet (HTML) - Microchip Technology


TC1269 Product details

General Description

The TC1269 is a fixed output, high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Total supply current is typically 50µAatfull load (20 to 60 times lower than in bipolar regulators).



Features

• Very Low Ground Current for Longer Battery Life

• Very Low Dropout Voltage

• 300mA Output Circuit

• High Output Voltage Accuracy

• Standard or Custom Output Voltages

• Power Saving Shutdown Mode

• Bypass Input for Ultra Quiet Operation

• Over Current and Over Temperature Protection

• Space-Saving MSOP Package



Applications

• Battery Operated Systems

• Portable Computers

• Medical Instruments

• Instrumentation

• Cellular/GSM/PHS Phones

• Linear Post-Regulator for SMPS

• Pagers

• Digital Cameras




Similar Part No. - TC1269

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269-2.5VUA MICROCHIP-TC1269-2.5VUA Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269-2.8VUA MICROCHIP-TC1269-2.8VUA Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269-3.0VUA MICROCHIP-TC1269-3.0VUA Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269-3.3VUA MICROCHIP-TC1269-3.3VUA Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269-5.0VUA MICROCHIP-TC1269-5.0VUA Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
More results


Similar Description - TC1269

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com