Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1269 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1269
Description  300mA CMOS LDO with Shutdown and VREF Bypass
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1269 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1269 Datasheet HTML 2Page - Microchip Technology TC1269 Datasheet HTML 3Page - Microchip Technology TC1269 Datasheet HTML 4Page - Microchip Technology TC1269 Datasheet HTML 5Page - Microchip Technology TC1269 Datasheet HTML 6Page - Microchip Technology TC1269 Datasheet HTML 7Page - Microchip Technology TC1269 Datasheet HTML 8Page - Microchip Technology TC1269 Datasheet HTML 9Page - Microchip Technology TC1269 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC1269
DS21380B-page 6
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Output Noise
FREQUENCY (kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50Ω
COUT = 1µF
0.012
0.010
0.008
0.004
0.002
0.000
-0.002
-0.004
0.006
-40
° -20° 0° 20° 40° 60° 80° 100° 120°
TEMPERATURE (
°C)
Line Regulation
2.00
1.80
1.60
1.20
1.00
0.80
0.60
0.40
0.20
0.00
1.40
-40
° -20° 0° 20° 40° 60° 80° 100° 120°
TEMPERATURE (
°C)
Load Regulation
1 to 300mA
1 to 50mA
1 to 100mA
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0
50
100
150
200
250
300
LOAD CURRENT (mA)
100.0
90.0
70.0
80.0
50.0
40.0
60.0
-40
° -20° 0° 20° 40° 60° 80° 100° 120°
TEMPERATURE (
°C)
Supply Current
3.075
3.025
2.925
2.975
-40
° -20° 0° 20° 40° 60° 80° 100° 120°
TEMPERATURE (
°C)
VOUT vs. Temperature
125
°C
8
85
°C
C
70
°C
25
°C
0
°C
C
-40
°C
VIN = 4V
ILOAD = 100µA
CLOAD = 3.3µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com