Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270 Datasheet (PDF) - Microchip Technology

TC1270 Datasheet PDF - Microchip Technology
Part # TC1270
Download  TC1270 Download
File Size   467.05 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Pin 關P Reset Monitors

TC1270 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1270 Datasheet PDF - Microchip Technology

Part # TC1270
Download  TC1270 Click to download

File Size   467.05 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Pin 關P Reset Monitors

TC1270 Datasheet (HTML) - Microchip Technology


TC1270 Product details

General Description

The TC1270 and TC1271 are cost-effective system supervisor circuits designed to monitor VCC in digital systems and provide a reset signal to the host processor when necessary. A manual reset input is provided to override the reset monitor, and is suitable for use as a push button reset. No external components are required.



Features:

• Precision VCCMonitor for 1.8V, 2.7V, 3.0V, 3.3V and 5.0V Nominal Supplies

• Manual Reset Input

• 140 ms Minimum RESET, Reset Output Duration

• RESETOutput Valid to VCC= 1.0V (TC1270)

• Low 7 µA Supply Current

• VCC Transient Immunity

• Small 4-Pin SOT-143 Package

• No External Components

• Replacement for MAX811/812 and Offers a Lower

   Threshold Voltage Option



Applications:

• Computers

• Embedded Systems

• Battery Powered Equipment

• Critical µP Power Supply Monitoring




Similar Part No. - TC1270

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
674Kb / 14P
4-Pin Reset Monitors
2007
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALBVRCTR MICROCHIP-TC1270ALBVRCTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
More results


Similar Description - TC1270

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811 Datasheet
185Kb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
Rev 4; 12/05
MAX821 MAXIM-MAX821 Datasheet
77Kb / 8P
4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
Rev 1; 12/99
logo
Microchip Technology
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
4-Pin Microcontroller Reset Monitors
2002
TC1270 MICROCHIP-TC1270_07 Datasheet
674Kb / 14P
4-Pin Reset Monitors
2007
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
4-Pin Reset Monitors
2007
logo
Unisonic Technologies
83CXXX UTC-83CXXX Datasheet
139Kb / 6P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
83CXXX UTC-83CXXX_11 Datasheet
152Kb / 5P
4-PIN 關P VOLTAGE MONITORS WITH MANUAL RESET INPUT
logo
Tiger Electronic Co.,Lt...
MAX811 TGS-MAX811 Datasheet
1Mb / 8P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Global Mixed-mode Techn...
G692 GMT-G692 Datasheet
36Kb / 1P
4-Pin 關P Voltage Monitors with Manual Reset Input
logo
Maxim Integrated Produc...
MAX811 MAXIM-MAX811_V01 Datasheet
901Kb / 9P
4-Pin 關P Voltage Monitors with Manual Reset Input
2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com