Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F628 Datasheet (PDF) - Microchip Technology

16F628 Datasheet PDF - Microchip Technology
Part # 16F628
Download  16F628 Download
File Size   3760.5 Kbytes
Page   168 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description FLASH-Based 8-Bit CMOS Microcontrollers

16F628 Datasheet (PDF)

Go To PDF Page Download Datasheet
16F628 Datasheet PDF - Microchip Technology

Part # 16F628
Download  16F628 Click to download

File Size   3760.5 Kbytes
Page   168 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description FLASH-Based 8-Bit CMOS Microcontrollers

16F628 Datasheet (HTML) - Microchip Technology


16F628 Product details

GENERAL DESCRIPTION
The PIC16F627A/628A/648A are 18-pin Flash-based members of the versatile PIC16F627A/628A/648A family of low-cost, high-performance, CMOS, fullystatic, 8-bit microcontrollers.

High-Performance RISC CPU:
• Operating speeds from DC – 20 MHz
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
• 35 single-word instructions:
   - All instructions single cycle except branches

Special Microcontroller Features:
• Internal and external oscillator options:
   - Precision internal 4 MHz oscillator factory
      calibrated to ±1%
   - Low-power internal 48 kHz oscillator
   - External Oscillator support for crystals and
      resonators
• Power-saving Sleep mode
• Programmable weak pull-ups on PORTB
• Multiplexed Master Clear/Input-pin
• Watchdog Timer with independent oscillator for
   reliable operation
• Low-voltage programming
• In-Circuit Serial Programming™ (via two pins)
• Programmable code protection
• Brown-out Reset
• Power-on Reset
• Power-up Timer and Oscillator Start-up Timer
• Wide operating voltage range (2.0-5.5V)
• Industrial and extended temperature range
• High-Endurance Flash/EEPROM cell:
   - 100,000 write Flash endurance
   - 1,000,000 write EEPROM endurance
   - 40 year data retention

Low-Power Features:
• Standby Current:
   - 100 nA @ 2.0V, typical
• Operating Current:
   - 12 μA @ 32 kHz, 2.0V, typical
   - 120 μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
   - 1 μA @ 2.0V, typical
• Timer1 Oscillator Current:
   - 1.2 μA @ 32 kHz, 2.0V, typical
• Dual-speed Internal Oscillator:
   - Run-time selectable between 4 MHz and
      48 kHz
   - 4 μs wake-up from Sleep, 3.0V, typical

Peripheral Features:
• 16 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
   - Two analog comparators
   - Programmable on-chip voltage reference
      (VREF) module
   - Selectable internal or external reference
   - Comparator outputs are externally accessible
• Timer0: 8-bit timer/counter with 8-bit
   programmable prescaler
• Timer1: 16-bit timer/counter with external crystal/
   clock capability
• Timer2: 8-bit timer/counter with 8-bit period
   register, prescaler and postscaler
• Capture, Compare, PWM module:
   - 16-bit Capture/Compare
   - 10-bit PWM
• Addressable Universal Synchronous/Asynchronous
   Receiver/Transmitter USART/SCI




Similar Part No. - 16F628

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
16F627 MICROCHIP-16F627 Datasheet
1Mb / 160P
FLASH-Based 8-Bit CMOS Microcontrollers
1999
More results


Similar Description - 16F628

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X Datasheet
1Mb / 160P
FLASH-Based 8-Bit CMOS Microcontrollers
1999
PIC16F610 MICROCHIP-PIC16F610 Datasheet
2Mb / 180P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2007
PIC12F609 MICROCHIP-PIC12F609 Datasheet
2Mb / 168P
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
2006
PIC12F609 MICROCHIP-PIC12F609_10 Datasheet
1Mb / 212P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F629 MICROCHIP-PIC12F629 Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
2010
PIC12F752 MICROCHIP-PIC12F752 Datasheet
1Mb / 204P
8-Pin Flash-Based 8-Bit CMOS Microcontrollers
2011
PIC12F752-I-SN MICROCHIP-PIC12F752-I-SN Datasheet
2Mb / 210P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
08/02/11
PIC12F675I-SN MICROCHIP-PIC12F675I-SN Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC16F676-I MICROCHIP-PIC16F676-I Datasheet
1Mb / 132P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
PIC12F675-E MICROCHIP-PIC12F675-E Datasheet
1Mb / 136P
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
01/05/10
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com