Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F628 Datasheet(PDF) 7 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 3Page - Microchip Technology 16F628 Datasheet HTML 4Page - Microchip Technology 16F628 Datasheet HTML 5Page - Microchip Technology 16F628 Datasheet HTML 6Page - Microchip Technology 16F628 Datasheet HTML 7Page - Microchip Technology 16F628 Datasheet HTML 8Page - Microchip Technology 16F628 Datasheet HTML 9Page - Microchip Technology 16F628 Datasheet HTML 10Page - Microchip Technology 16F628 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 5
PIC16F627A/628A/648A
1.0
GENERAL DESCRIPTION
The PIC16F627A/628A/648A are 18-Pin FLASH-
based members of the versatile PIC16CXX family of
low cost, high performance, CMOS, fully-static, 8-bit
microcontrollers.
All PICmicro® microcontrollers employ an advanced
RISC architecture. The PIC16F627A/628A/648A have
enhanced core features, eight-level deep stack, and
multiple internal and external interrupt sources. The
separate instruction and data buses of the Harvard
architecture allow a 14-bit wide instruction word with
the separate 8-bit wide data. The two-stage instruction
pipeline allows all instructions to execute in a single-
cycle, except for program branches (which require two
cycles). A total of 35 instructions (reduced instruction
set) are available, complemented by a large register
set.
PIC16F627A/628A/648A
microcontrollers
typically
achieve a 2:1 code compression and a 4:1 speed
improvement over other 8-bit microcontrollers in their
class.
PIC16F627A/628A/648A devices have integrated fea-
tures to reduce external components, thus reducing
system cost, enhancing system reliability and reducing
power consumption.
The PIC16F627A/628A/648A has 8 oscillator configu-
rations. The single-pin RC oscillator provides a low cost
solution. The LP oscillator minimizes power consump-
tion, XT is a standard crystal, and INTOSC is a self-
contained precision two-speed internal oscillator. The
HS is for High-Speed crystals. The EC mode is for an
external clock source.
The SLEEP (Power-down) mode offers power savings.
Users can wake-up the chip from SLEEP through sev-
eral
external
interrupts,
internal
interrupts
and
RESETS.
A highly reliable Watchdog Timer with its own on-chip
RC oscillator provides protection against software lock-
up.
Table 1-1 shows the features of the PIC16F627A/
628A/648A mid-range microcontroller families.
A simplified block diagram of the PIC16F627A/628A/
648A is shown in Figure 3-1.
The PIC16F627A/628A/648A series fits in applications
ranging from battery chargers to low power remote
sensors. The FLASH technology makes customizing
application programs (detection levels, pulse genera-
tion, timers, etc.) extremely fast and convenient. The
small footprint packages makes this microcontroller
series ideal for all applications with space limitations.
Low cost, low power, high performance, ease of use
and I/O flexibility make the PIC16F627A/628A/648A
very versatile.
1.1
Development Support
The PIC16F627A/628A/648A family is supported by a
full-featured macro assembler, a software simulator, an
in-circuit emulator, a low cost in-circuit debugger, a low
cost development programmer and a full-featured pro-
grammer. A Third Party “C” compiler support tool is
also available.
TABLE 1-1:
PIC16F627A/628A/648A FAMILY OF DEVICES
PIC16F627A
PIC16F628A
PIC16F648A
PIC16LF627A
PIC16LF628A
PIC16LF648A
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
4
4
4
FLASH Program Mem-
ory (words)
1024
2048
4096
1024
2048
4096
Memory
RAM Data Memory
(bytes)
224
224
256
224
224
256
EEPROM Data Mem-
ory (bytes)
128
128
256
128
128
256
Timer module(s)
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
TMR0, TMR1,
TMR2
Comparator(s)
2
22222
Peripherals Capture/Compare/
PWM modules
111111
Serial Communications
USART
USART
USART
USART
USART
USART
Internal Voltage
Reference
Yes
Yes
Yes
Yes
Yes
Yes
Interrupt Sources
10
10
10
10
10
10
I/O Pins
16
16
16
16
16
16
Features
Voltage Range (Volts)
3.0-5.5
3.0-5.5
3.0-5.5
2.0-5.5
2.0-5.5
2.0-5.5
Brown-out Reset
Yes
Yes
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
18-pin DIP,
SOIC, 20-pin
SSOP,
28-pin QFN
All PICmicro® Family devices have Power-on Reset, selectable Watchdog Timer, selectable Code Protect and high I/O current capability.
All PIC16F627A/628A/648A Family devices use serial programming with clock pin RB6 and data pin RB7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com