Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F628 Datasheet(PDF) 100 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 100 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 96Page - Microchip Technology 16F628 Datasheet HTML 97Page - Microchip Technology 16F628 Datasheet HTML 98Page - Microchip Technology 16F628 Datasheet HTML 99Page - Microchip Technology 16F628 Datasheet HTML 100Page - Microchip Technology 16F628 Datasheet HTML 101Page - Microchip Technology 16F628 Datasheet HTML 102Page - Microchip Technology 16F628 Datasheet HTML 103Page - Microchip Technology 16F628 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 98
Preliminary
 2002 Microchip Technology Inc.
14.4
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST) and Brown-out Reset
(BOR)
14.4.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in RESET until
V
DD has reached a high enough level for proper oper-
ation. To take advantage of the POR, just tie the MCLR
pin through a resistor to V
DD. This will eliminate exter-
nal RC components usually needed to create Power-on
Reset. A maximum rise time for V
DD is required. See
Electrical Specifications for details.
The POR circuit does not produce an internal RESET
when V
DD declines.
When the device starts normal operation (exits the
RESET condition), device operating parameters (volt-
age, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not met, the
device must be held in RESET until the operating con-
ditions are met.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting”.
14.4.2
POWER-UP TIMER (PWRT)
The PWRT provides a fixed 72 ms (nominal) time out
on power-up (POR) or if enabled from a Brown-out
Reset. The PWRT operates on an internal RC oscilla-
tor. The chip is kept in RESET as long as PWRT is
active. The PWRT delay allows the V
DD to rise to an
acceptable level. A configuration bit, PWRTE can
disable (if set) or enable (if cleared or programmed) the
PWRT. It is recommended that the PWRT be enabled
when Brown-out Reset is enabled.
The Power-Up Time delay will vary from chip to chip
and due to V
DD, temperature and process variation.
See DC parameters Table 17-7 for details.
14.4.3
OSCILLATOR START-UP TIMER
(OST)
The OST provides a 1024 oscillator cycle (from OSC1
input) delay after the PWRT delay is over. Program
execution will not start until the OST time out is com-
plete. This ensures that the crystal oscillator or resona-
tor has started and stabilized.
The OST time out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP. See Table 17-7.
14.4.4
BROWN-OUT RESET (BOR)
The PIC16F627A/628A/648A have on-chip BOR cir-
cuitry. A configuration bit, BOREN, can disable (if clear/
programmed) or enable (if set) the BOR Reset circuitry.
If V
DD falls below VBOR for longer than TBOR, the
brown-out situation will RESET the chip. A RESET is
not guaranteed to occur if V
DD falls below VBOR for
shorter than T
BOR. VBOR and TBOR are defined in
Table 17-2 and Table 17-7, respectively.
On any RESET (Power-on, Brown-out, Watchdog,
etc.), the chip will remain in RESET until V
DD rises
above BV
DD (see Figure 14-7). The Power-up Timer
will now be invoked, if enabled, and will keep the chip
in RESET an additional 72 ms.
If V
DD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once V
DD
rises above V
BOR, the Power-Up Timer will execute a
72 ms RESET. Figure 14-7 shows typical Brown-out
situations.
FIGURE 14-7:
BROWN-OUT SITUATIONS WITH PWRT ENABLED
72 ms
V
BOR
V
DD
INTERNAL
RESET
V
BOR
V
DD
INTERNAL
RESET
72 ms
<72 ms
72 ms
V
BOR
V
DD
INTERNAL
RESET
≥ TBOR
Note:
72 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com