Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F628 Datasheet(PDF) 96 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 96 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 92Page - Microchip Technology 16F628 Datasheet HTML 93Page - Microchip Technology 16F628 Datasheet HTML 94Page - Microchip Technology 16F628 Datasheet HTML 95Page - Microchip Technology 16F628 Datasheet HTML 96Page - Microchip Technology 16F628 Datasheet HTML 97Page - Microchip Technology 16F628 Datasheet HTML 98Page - Microchip Technology 16F628 Datasheet HTML 99Page - Microchip Technology 16F628 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 168 page
background image
PIC16F627A/628A/648A
DS40044A-page 94
Preliminary
 2002 Microchip Technology Inc.
REGISTER 14-1:
CONFIGURATION WORD
CP
—
—
—
—
CPD
LVP
BOREN
MCLRE
FOSC2
PWRTE
WDTE
F0SC1
F0SC0
bit 13
bit 0
bit 13:
CP: FLASH Program Memory Code Protection bit(2)
(PIC16F648A)
1
= Code protection off
0
= 0000h to 0FFFh code protected
(PIC16F628A)
1
= Code protection off
0
= 0000h to 07FFh code protected
(PIC16F627A)
1
= Code protection off
0
= 0000h to 03FFh code protected
bit 12-9:
Unimplemented: Read as ‘0’
bit 8:
CPD: Data Code Protection bit(3)
1 = Data memory code protection off
0 = Data memory code protected
bit 7:
LVP: Low Voltage Programming Enable
1 = RB4/PGM pin has PGM function, low voltage programming enabled
0 = RB4/PGM is digital I/O, HV on MCLR must be used for programming
bit 6:
BOREN: Brown-out Reset Enable bit (1)
1 = BOR Reset enabled
0 = BOR Reset disabled
bit 5:
MCLRE: RA5/MCLR pin function select
1 = RA5/MCLR pin function is MCLR
0 = RA5/MCLR pin function is digital Input, MCLR internally tied to VDD
bit 3:
PWRTEN: Power-up Timer Enable bit (1)
1 = PWRT disabled
0 = PWRT enabled
bit 2:
WDTEN: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 4, 1-0:
FOSC2:FOSC0: Oscillator Selection bits(4)
111 = RC oscillator: CLKOUT function on RA6/OSC2/CLKOUT pin, Resistor and Capacitor on RA7/OSC1/CLKIN
110 = RC oscillator: I/O function on RA6/OSC2/CLKOUT pin, Resistor and Capacitor on RA7/OSC1/CLKIN
101 = INTOSC oscillator: CLKOUT function on RA6/OSC2/CLKOUT pin, I/O function on RA7/OSC1/CLKIN
100 = INTOSC oscillator: I/O function on RA6/OSC2/CLKOUT pin, I/O function on RA7/OSC1/CLKIN
011 = EC: I/O function on RA6/OSC2/CLKOUT pin, CLKIN on RA7/OSC1/CLKIN
010 = HS oscillator: High speed crystal/resonator on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
001 = XT oscillator: Crystal/resonator on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
000 = LP oscillator: Low power crystal on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
Note
1:
Enabling Brown-out Reset does not automatically enable the Power-up Timer (PWRT) the way it did in the PIC16F627/628.
2:
The code protection scheme has changed from the code protection scheme used in the PIC16F627/628. The entire FLASH program
memory needs to be bulk erased to set the CP bit, turning the code protection off. See Programming Specification DS41196 for details.
3:
The entire data EEPROM needs to be bulk erased to set the CPD bit, turning the code protection off. See Programming Specification
DS41196 for details.
4:
When MCLR is asserted in INTOSC mode, the internal clock oscillator is disabled.
Legend
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com