Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F628 Datasheet(PDF) 65 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 65 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 61Page - Microchip Technology 16F628 Datasheet HTML 62Page - Microchip Technology 16F628 Datasheet HTML 63Page - Microchip Technology 16F628 Datasheet HTML 64Page - Microchip Technology 16F628 Datasheet HTML 65Page - Microchip Technology 16F628 Datasheet HTML 66Page - Microchip Technology 16F628 Datasheet HTML 67Page - Microchip Technology 16F628 Datasheet HTML 68Page - Microchip Technology 16F628 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 63
PIC16F627A/628A/648A
The code example in Example 10-1 depicts the steps
required to configure the Comparator module. RA3 and
RA4 are configured as digital output. RA0 and RA1 are
configured as the V- inputs and RA2 as the V+ input to
both comparators.
EXAMPLE 10-1:
INITIALIZING
COMPARATOR MODULE
10.2
Comparator Operation
A single comparator is shown in Figure 10-2 along with
the relationship between the analog input levels and
the digital output. When the analog input at V
IN+ is less
than the analog input V
IN-, the output of the comparator
is a digital low level. When the analog input at V
IN+ is
greater than the analog input V
IN-, the output of the
comparator is a digital high level. The shaded areas of
the output of the comparator in Figure 10-2 represent
the uncertainty due to input offsets and response time.
See Table 17-2 for Common Mode Voltage.
10.3
Comparator Reference
An external or internal reference signal may be used
depending on the comparator Operating mode. The
analog signal that is present at V
IN- is compared to the
signal at V
IN+, and the digital output of the comparator
is adjusted accordingly (Figure 10-2).
FIGURE 10-2:
SINGLE COMPARATOR
10.3.1
EXTERNAL REFERENCE SIGNAL
When external voltage references are used, the
Comparator module can be configured to have the
comparators operate from the same or different
reference
sources.
However,
threshold
detector
applications may require the same reference. The
reference signal must be between V
SS and VDD, and
can be applied to either pin of the comparator(s).
10.3.2
INTERNAL REFERENCE SIGNAL
The Comparator module also allows the selection of an
internally
generated
voltage
reference
for
the
comparators. Section 11.0, Voltage Reference Manual,
contains a detailed description of the Voltage Refer-
ence Module that provides this signal. The internal ref-
erence signal is used when the comparators are in
mode CM<2:0>=010 (Figure 10-1). In this mode, the
internal voltage reference is applied to the V
IN+ pin of
both comparators.
10.4
Comparator Response Time
Response time is the minimum time, after selecting a
new reference voltage or input source, before the
comparator output is to have a valid level. If the internal
reference is changed, the maximum delay of the inter-
nal voltage reference must be considered when using
the comparator outputs. Otherwise, the maximum
delay of the comparators should be used (Table 17-2).
FLAG_REG
EQU
0X20
CLRF
FLAG_REG
;Init flag register
CLRF
PORTA
;Init PORTA
MOVF
CMCON, W
;Load comparator bits
ANDLW
0xC0
;Mask comparator bits
IORWF
FLAG_REG,F
;Store bits in flag register
MOVLW
0x03
;Init comparator mode
MOVWF
CMCON
;CM<2:0> = 011
BSF
STATUS,RP0
;Select Bank1
MOVLW
0x07
;Initialize data direction
MOVWF
TRISA
;Set RA<2:0> as inputs
;RA<4:3> as outputs
;TRISA<7:5> always read ‘0’
BCF
STATUS,RP0
;Select Bank 0
CALL
DELAY10
;10
µs delay
MOVF
CMCON,F
;Read CMCON to end change
;condition
BCF
PIR1,CMIF
;Clear pending interrupts
BSF
STATUS,RP0
;Select Bank 1
BSF
PIE1,CMIE
;Enable comparator interrupts
BCF
STATUS,RP0
;Select Bank 0
BSF
INTCON,PEIE ;Enable peripheral interrupts
BSF
INTCON,GIE
;Global interrupt enable
–
+
Vin+
Vin-
Result
Result
V
IN-
V
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com