Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F628 Datasheet(PDF) 99 Page - Microchip Technology

Part # 16F628
Description  FLASH-Based 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F628 Datasheet(HTML) 99 Page - Microchip Technology

Back Button 16F628 Datasheet HTML 95Page - Microchip Technology 16F628 Datasheet HTML 96Page - Microchip Technology 16F628 Datasheet HTML 97Page - Microchip Technology 16F628 Datasheet HTML 98Page - Microchip Technology 16F628 Datasheet HTML 99Page - Microchip Technology 16F628 Datasheet HTML 100Page - Microchip Technology 16F628 Datasheet HTML 101Page - Microchip Technology 16F628 Datasheet HTML 102Page - Microchip Technology 16F628 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40044A-page 97
PIC16F627A/628A/648A
14.2.8
SPECIAL FEATURE: DUAL SPEED
OSCILLATOR MODES
A software programmable dual speed Oscillator mode
is provided when the PIC16F627A/628A/648A is con-
figured in the INTOSC Oscillator mode. This feature
allows users to dynamically toggle the oscillator speed
between 4 MHz and 37 kHz nominal in the INTOSC
mode. Applications that require low current power sav-
ings, but cannot tolerate putting the part into SLEEP,
may use this mode.
There is a time delay associated with the transition
between Fast and Slow oscillator speeds. This Oscilla-
tor Speed Transition delay consists of two existing
clock pulses and eight new speed clock pulses. During
this Clock Speed Transition Delay the System Clock is
halted causing the processor to be frozen in time. Dur-
ing this delay the Program Counter and the Clock Out
stop.
The OSCF bit in the PCON register is used to control
Dual Speed mode. See Section 4.2.2.6, Register 4-6.
14.3
RESET
The PIC16F627A/628A/648A differentiates between
various kinds of RESET:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during SLEEP
d)
WDT Reset (normal operation)
e)
WDT wake-up (SLEEP)
f)
Brown-out Reset (BOR)
Some registers are not affected in any RESET condi-
tion; their status is unknown on POR and unchanged in
any other RESET. Most other registers are reset to a
“RESET state” on Power-on Reset, Brown-out Reset,
MCLR Reset, WDT Reset and MCLR Reset during
SLEEP. They are not affected by a WDT wake-up,
since this is viewed as the resumption of normal oper-
ation. TO and PD bits are set or cleared differently in
different RESET situations as indicated in Table 14-4.
These bits are used in software to determine the nature
of the RESET. See Table 14-7 for a full description of
RESET states of all registers.
A simplified block diagram of the on-chip RESET circuit
is shown in Figure 14-6.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Table 17-7 for pulse width
specification.
FIGURE 14-6:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
RESET
MCLR/
V
DD
OSC1/
WDT
Module
V
DD rise
detect
OST/PWRT
WDT
Time out
Power-on Reset
OST
PWRT
Chip_Reset
10-bit Ripple-counter
Reset
Enable OST
Enable PWRT
SLEEP
See Table 14-3 for time out situations.
Note
1:
This is a separate oscillator from the INTOSC/RC oscillator.
Brown-out
detect Reset
BOREN
CLKIN
Pin
V
PP Pin
10-bit Ripple-counter
Q
Schmitt Trigger Input
On-chip(1)
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com