Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC1060S Datasheet (PDF) - Surge Components

SGC1060S Datasheet PDF - Surge Components
Part # SGC1060S
Download  SGC1060S Download
File Size   1425.98 Kbytes
Page   3 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description Reverse Voltage 60V Forward Current 10A

SGC1060S Datasheet (PDF)

Go To PDF Page Download Datasheet
SGC1060S Datasheet PDF - Surge Components

Part # SGC1060S
Download  SGC1060S Click to download

File Size   1425.98 Kbytes
Page   3 Pages
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components
Description Reverse Voltage 60V Forward Current 10A

SGC1060S Datasheet (HTML) - Surge Components




Similar Part No. - SGC1060S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC1060S GOOD-ARK-SGC1060S Datasheet
197Kb / 4P
Surface Mount Schottky Rectifier
More results


Similar Description - SGC1060S

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
DB157 GXELECTRONICS-DB157 Datasheet
312Kb / 2P
REVERSE VOLTAGE FORWARD CURRENT
HER201 GXELECTRONICS-HER201 Datasheet
192Kb / 2P
Reverse Voltage Forward Current
logo
Surge Components
SGC101BSA SURGE-SGC101BSA Datasheet
361Kb / 3P
Reverse Voltage 100V Forward Current 10A
logo
GOOD-ARK Electronics
SGC101BSA GOOD-ARK-SGC101BSA_15 Datasheet
211Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BS GOOD-ARK-SGC101BS_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC1050S GOOD-ARK-SGC1050S_15 Datasheet
285Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 50~60V Forward Current 10A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
FS36 GOOD-ARK-FS36_15 Datasheet
167Kb / 3P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 3A
logo
First Silicon Co., Ltd
MBR1060CT FS-MBR1060CT Datasheet
337Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 60Volts , Forward Current 10A
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com