Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC530 Datasheet (PDF) - Microchip Technology

TC530 Datasheet PDF - Microchip Technology
Part # TC530
Download  TC530 Download
File Size   527.79 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V Precision Data Acquisition Subsystems

TC530 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC530 Datasheet PDF - Microchip Technology

Part # TC530
Download  TC530 Click to download

File Size   527.79 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 5V Precision Data Acquisition Subsystems

TC530 Datasheet (HTML) - Microchip Technology


TC530 Product details

GENERAL DESCRIPTION
The TC530/534 are serial analog data acquisition subsystems ideal for high precision measurements (up to 17 bits plus sign). The TC530 consists of a dual slope integrating A/D converter, negative power supply generator and 3 wire serial interface port. The TC534 is identical to the TC530, but adds a four channel differential input multiplexer. Key A/D converter operating parameters (Auto Zero and Integration time) are programmable, allowing the user to trade-off conversion time for resolution.
The TC530/534 timebase can be derived from an external crystal of 2MHz (max), or from an external frequency source. The TC530/534 requires a single 5V power supply and features a – 5V, 10mA output which can be used to supply negative bias to other components in the system.

FEATURES
■ Precision (up to 17 Bits) A/D Converter
■ 3 Wire Serial Port
■ Flexible: User Can Trade-Off Conversion Speed Against Resolution
■ Single Supply Operation
■ –5V Output Pin
■ 4 Input, Differential Analog MUX (TC534)
■ Automatic Input Polarity and Overrange Detection
■ Low Operating Current ............................ 5mA Max
■ Wide Analog Input Range ...................... ±4.2V Max
■ Cost Effective




Similar Part No. - TC530

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
TC530COI TELCOM-TC530COI Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
TC530CPJ TELCOM-TC530CPJ Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
France Joint
TC530X50X57X10 FRANCEJOINT-TC530X50X57X10 Datasheet
453Kb / 5P
SHAFT SEALS WITH A TYPE 5 STOP
TC530X72X76X7 FRANCEJOINT-TC530X72X76X7 Datasheet
453Kb / 5P
SHAFT SEALS WITH A TYPE 5 STOP
More results


Similar Description - TC530

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
High-Precision Data Acquisition
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
logo
Pico Technology Ltd.
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com