Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC530 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 1 Page - Microchip Technology

  TC530 Datasheet HTML 1Page - Microchip Technology TC530 Datasheet HTML 2Page - Microchip Technology TC530 Datasheet HTML 3Page - Microchip Technology TC530 Datasheet HTML 4Page - Microchip Technology TC530 Datasheet HTML 5Page - Microchip Technology TC530 Datasheet HTML 6Page - Microchip Technology TC530 Datasheet HTML 7Page - Microchip Technology TC530 Datasheet HTML 8Page - Microchip Technology TC530 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21433B-page 1
TC530/TC534
Features
• Precision (up to 17-Bits) A/D Converter
•3-Wire Serial Port
• Flexible: User Can Trade Off Conversion Speed For
Resolution
• Single Supply Operation
•-5V Output Pin
• 4 Input, Differential Analog MUX (TC534)
• Automatic Input Polarity and Overrange Detection
• Low Operating Current: 5mA Max
• Wide Analog Input Range: ±4.2V Max
• Cost Effective
Applications
• Precision Analog Signal Processor
• Precision Sensor Interface
• High Accuracy DC Measurements
Device Selection Table
Package Types
Part Number
Package
Temperature
Range
TC530COI
28-Pin SOIC
0°C to +70°C
TC530CPJ
28-Pin PDIP (Narrow)
0°C to +70°C
TC534CKW
44-Pin PQFP
0°C to +70°C
TC534CPL
40-Pin PDIP
0°C to +70°C
1
2
3
4
20
19
18
5
6
7
8
17
23
22
21
9
10
11
12
24
25
26
27
28
TC530CPI
TC530COI
16
15
13
14
VSS
CREF-
CREF+
VREF-
VREF+
CINT
CAZ
BUF
ACOM
OSCOUT
VIN-
VIN+
DGND
N/C
VCCD
VDD
DOUT
DCLK
CAP-
AGND
RESET
NC
OSC
CAP+
OSCIN
DIN
R/W
EOC
28-Pin SOIC
28-Pin PDIP
VCDD
27
26
25
24
23
7
8
9
10
11
NC
NC
12 13 14 15 16 17 18 19 20 21 22
38 37 36 35 34
39
40
41
42
43
44
28
29
30
31
32
33
6
5
4
3
2
1
NC
OSC
RESET
NC
NC
NC
EOC
NC
R/W
TC534CKW
44-Pin PQFP
CH4+
CH4-
CH3-
CH2-
CH1-
CREF-
CREF+
VREF-
VREF+
ACOM
VDD
DGND
VCCD
CAP-
AGND
OSC
N/C
N/C
N/C
CAP+
TC534CPL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A1
A0
N/C
N/C
N/C
CH1+
CH2+
CH3+
CH4+
CH4-
CH3-
CH2-
CH1-
40-Pin PDIP
VSS
CREF-
CREF+
VREF-
VREF+
CINT
CAZ
BUF
ACOM
DOUT
DCLK
RESET
OSCIN
OSCOUT
DIN
R/W
EOC
5V Precision Data Acquisition Subsystems


Similar Part No. - TC530

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
TC530COI TELCOM-TC530COI Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
TC530CPJ TELCOM-TC530CPJ Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
France Joint
TC530X50X57X10 FRANCEJOINT-TC530X50X57X10 Datasheet
453Kb / 5P
SHAFT SEALS WITH A TYPE 5 STOP
TC530X72X76X7 FRANCEJOINT-TC530X72X76X7 Datasheet
453Kb / 5P
SHAFT SEALS WITH A TYPE 5 STOP
More results

Similar Description - TC530

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC530 TELCOM-TC530 Datasheet
158Kb / 15P
5V PRECISION DATA ACQUISITION SUBSYSTEMS
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
High-Precision Data Acquisition
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Analog Devices
ADAQ7768-1 AD-ADAQ7768-1 Datasheet
5Mb / 98P
24-Bit Single-Channel Precision μModule Data Acquisition System
Rev. 0
logo
Pico Technology Ltd.
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com