Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC530 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC530
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC530 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC530 Datasheet HTML 10Page - Microchip Technology TC530 Datasheet HTML 11Page - Microchip Technology TC530 Datasheet HTML 12Page - Microchip Technology TC530 Datasheet HTML 13Page - Microchip Technology TC530 Datasheet HTML 14Page - Microchip Technology TC530 Datasheet HTML 15Page - Microchip Technology TC530 Datasheet HTML 16Page - Microchip Technology TC530 Datasheet HTML 17Page - Microchip Technology TC530 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TC530/TC534
DS21433B-page 14
© 2002 Microchip Technology Inc.
5.5
Load Value Write Cycle
Following the power-up reset pulse, the LOAD VALUE
(which sets the duration of AZ and INT) must next be
transmitted to the serial port. To accomplish this, the
processor monitors the state of EOC (which is available
as a hardware output or at DOUT). R/W is taken low to
initiate the write cycle only when EOC is low (during the
AZ phase). (Failure to observe EOC low may cause an
offset voltage to be developed across CINT, resulting in
erroneous readings). The 8-bit LOAD VALUE data on
DIN is clockedinbyDCLK. The processor then termi-
nates the write cycle by taking R/W high. (Data is
transferred from the serial input shift register to the time
base counter on the rising edge of R/W and data
conversion is initiated). See Figure 5-2.
5.6
Input Multiplexer (TC534 Only)
A 4-input, differential multiplexer is included in the
TC534. The states of channel address lines A0 and A1
determine which differential VIN pair is routed to the
converter input. A0 is the least significant address bit
(i.e., channel 1 is selected when A0 = 0 and A1 = 0).
The multiplexer is designed to be operated in a differ-
ential mode. For single-ended inputs, the CHx- input for
the channel under selection must be connected to the
ground reference associated with the input signal.
FIGURE 5-2:
TC530/TC534 INITIALIZATION AND LOAD VALUE WRITE CYCLE
5.7
DC/DC Converter
An on-board, TC7660H-type charge pump supplies
negative bias to the converter circuitry, as well as to
external devices. The charge pump develops a nega-
tive output voltage by moving charge from the power
supply to the reservoir capacitor at VSS by way of the
commutating capacitor connected to the CAP+ and
CAP- inputs.
The charge pump clock operates at a typical frequency
of 100kHz. If lower quiescent current is desired, the
charge pump clock can be slowed by connecting an
external capacitor from the OSC pin to VDD. Reference
typical characteristics curves.
EOC
R/W
RESET
DCLK
DIN
1
1001111
AZ
AZ
LOAD VALUE
MSB
LSB
INT
DINT
IZ
AZ…
Conversion
Phase
Timing
Status
Converter held in AZ
state due to RESET = 1
Write LOAD VALUE to Serial Port
Power-up RESET
Undefined
Converter in Normal Service
R/W brought LOW during AZ
for serial port write cycle
R/W = HIGH strobes
LOAD VALUE into
timebase and starts
conversion
Continuous Conversions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com