Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC649 Datasheet (PDF) - Microchip Technology

TC649 Datasheet PDF - Microchip Technology
Part # TC649
Download  TC649 Download
File Size   478.53 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology

TC649 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC649 Datasheet PDF - Microchip Technology

Part # TC649
Download  TC649 Click to download

File Size   478.53 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology

TC649 Datasheet (HTML) - Microchip Technology


TC649 Product details

General Description
The TC649 is a switch mode, fan speed controller for use with brushless DC fans. Temperature proportional speed control is accomplished using pulse width modulation (PWM). A thermistor (or other voltage output temperature sensor) connected to the VIN input furnishes the required control voltage of 1.25V to 2.65V (typical) for 0% to 100% PWM duty cycle. The TC649 automatically suspends fan operation when measured temperature (VIN) is below a user programmed minimum setting (VAS). An integrated Start-up Timer ensures reliable motor start-up at turn-on, coming out of shutdown mode, auto-shutdown mode or following a transient fault.
In normal fan operation, a pulse train is present at SENSE (Pin 5). The TC649 features Microchip Technology’s proprietary FanSenseTM technology for increasing system reliability. A missing pulse detector monitors this pin during fan operation. A stalled, open or unconnected fan causes the TC649 to trigger its Start-up Timer once. If the fault persists, the FAULT output goes low, and the device is latched in its shutdown mode. See Section 5.0, “Typical Applications”, for more information and system design guidelines.
The TC649 is available in the 8-pin PDIP, SOIC and MSOP packages and is available in the industrial and extended commercial temperature ranges.

Features
• Temperature Proportional Fan Speed for Acoustic Control and Longer Fan Life
• Efficient PWM Fan Drive
• 3.0V to 5.5V Supply Range:
   - Fan Voltage Independent of TC649 Supply Voltage
   - Supports any Fan Voltage
• FanSense™ Fault Detection Circuits Protect
   Against Fan Failure and Aid System Testing
• Automatic Shutdown Mode for “Green” Systems
• Supports Low Cost NTC/PTC Thermistors
• Space Saving 8-Pin MSOP Package

Applications
• Power Supplies
• Computers
• File Servers
• Portable Computers
• Telecom Equipment
• UPSs, Power Amps
• General Purpose Fan Speed Control




Similar Part No. - TC649

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC649 MICROCHIP-TC649 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC649 MICROCHIP-TC649 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC649B MICROCHIP-TC649B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC649B MICROCHIP-TC649B Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC649B MICROCHIP-TC649B Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
More results


Similar Description - TC649

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC647 MICROCHIP-TC647 Datasheet
478Kb / 28P
PWM Fan Speed Controller with FanSense Technology
2002
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
DTC646 MICROCHIP-DTC646 Datasheet
386Kb / 30P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
08/01/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com