Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC649 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 1 Page - Microchip Technology

  TC649 Datasheet HTML 1Page - Microchip Technology TC649 Datasheet HTML 2Page - Microchip Technology TC649 Datasheet HTML 3Page - Microchip Technology TC649 Datasheet HTML 4Page - Microchip Technology TC649 Datasheet HTML 5Page - Microchip Technology TC649 Datasheet HTML 6Page - Microchip Technology TC649 Datasheet HTML 7Page - Microchip Technology TC649 Datasheet HTML 8Page - Microchip Technology TC649 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2002 Microchip Technology Inc.
DS21449C-page 1
M
TC649
Features
• Temperature Proportional Fan Speed for Acoustic
Control and Longer Fan Life
• Efficient PWM Fan Drive
• 3.0V to 5.5V Supply Range:
- Fan Voltage Independent of TC649
Supply Voltage
- Supports any Fan Voltage
• FanSense™ Fault Detection Circuits Protect
Against Fan Failure and Aid System Testing
• Automatic Shutdown Mode for “Green” Systems
• Supports Low Cost NTC/PTC Thermistors
• Space Saving 8-Pin MSOP Package
Applications
• Power Supplies
• Computers
• File Servers
• Portable Computers
• Telecom Equipment
• UPSs, Power Amps
• General Purpose Fan Speed Control
Available Tools
• Fan Controller Demonstration Board (TC642DEMO)
• Fan Controller Evaluation Kit (TC642EV)
Package Types
General Description
The TC649 is a switch mode, fan speed controller for
use with brushless DC fans. Temperature proportional
speed control is accomplished using pulse width mod-
ulation (PWM). A thermistor (or other voltage output
temperature sensor) connected to the VIN input fur-
nishes the required control voltage of 1.25V to 2.65V
(typical) for 0% to 100% PWM duty cycle. The TC649
automatically suspends fan operation when measured
temperature (VIN) is below a user programmed
minimum setting (VAS). An integrated Start-up Timer
ensures reliable motor start-up at turn-on, coming out
of shutdown mode, auto-shutdown mode or following a
transient fault.
In normal fan operation, a pulse train is present at
SENSE (Pin 5). The TC649 features Microchip
Technology’s proprietary FanSenseTM technology for
increasing system reliability. A missing pulse detector
monitors this pin during fan operation. A stalled, open
or unconnected fan causes the TC649 to trigger its
Start-up Timer once. If the fault persists, the FAULT
output goes low, and the device is latched in its shut-
down mode. See Section 5.0, “Typical Applications”,
for more information and system design guidelines.
The TC649 is available in the 8-pin PDIP, SOIC and
MSOP packages and is available in the industrial and
extended commercial temperature ranges.
SOIC/PDIP/MSOP
18
27
36
45
GND
CF
VIN
VAS
FAULT
SENSE
VDD
VOUT
TC649
PWM Fan Speed Controller with Auto-Shutdown
and FanSense™ Technology


Similar Part No. - TC649

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC649 MICROCHIP-TC649 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC649 MICROCHIP-TC649 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC649B MICROCHIP-TC649B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC649B MICROCHIP-TC649B Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC649B MICROCHIP-TC649B Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
More results

Similar Description - TC649

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC646 MICROCHIP-TC646 Datasheet
473Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
2002
TC647 MICROCHIP-TC647 Datasheet
478Kb / 28P
PWM Fan Speed Controller with FanSense Technology
2002
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
DTC646 MICROCHIP-DTC646 Datasheet
386Kb / 30P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC647 MICROCHIP-TC647_13 Datasheet
386Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC649 MICROCHIP-TC649_13 Datasheet
391Kb / 28P
PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
11/29/12
TC642COA713 MICROCHIP-TC642COA713 Datasheet
503Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
08/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com