Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC649 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC649 Datasheet HTML 9Page - Microchip Technology TC649 Datasheet HTML 10Page - Microchip Technology TC649 Datasheet HTML 11Page - Microchip Technology TC649 Datasheet HTML 12Page - Microchip Technology TC649 Datasheet HTML 13Page - Microchip Technology TC649 Datasheet HTML 14Page - Microchip Technology TC649 Datasheet HTML 15Page - Microchip Technology TC649 Datasheet HTML 16Page - Microchip Technology TC649 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2002 Microchip Technology Inc.
DS21449C-page 13
TC649
Table 5-2 gives examples of some commonly available
transistors and MOSFETs. This table should be used
as a guide only since there are many transistors and
MOSFETs which will work just as well as those listed.
The critical issues when choosing a device to use as
Q1 are: (1) the breakdown voltage (V(BR)CEO or VDS
(MOSFET)) must be large enough to withstand the
highest voltage applied to the fan (Note: This will occur
when the fan is off); (2) 5 mA of base drive current must
be enough to saturate the transistor when conducting
the full fan current (transistor must have sufficient
gain); (3) the VOUT voltage must be high enough to suf-
ficiently drive the gate of the MOSFET to minimize the
RDS(on) of the device; (4) rated fan current draw must
be within the transistor's/MOSFET's current handling
capability; and (5) power dissipation must be kept
within the limits of the chosen device.
FIGURE 5-6:
Output Drive Transistor Circuit Topologies.
TABLE 5-2:
TRANSISTORS AND MOSFETS FOR Q1 (VDD = 5V)
Device
Package
Max. VBE(sat)/VGS
(V)
Min. HFE
VCEO/VDS
(V)
Fan Current
(mA)
Suggested
RBASE (Ω)
MMBT2222A
SOT-23
1.2
50
40
150
800
MPS2222A
TO-92
1.2
50
40
150
800
MPS6602
TO-92
1.2
50
40
500
301
SI2302
SOT-23
2.5
NA
20
500
Note 1
MGSF1N02E
SOT-23
2.5
NA
20
500
Note 1
SI4410
SO-8
4.5
NA
30
1000
Note 1
SI2308
SOT-23
4.5
NA
60
500
Note 1
Note 1: A series gate resistor may be used in order to control the MOSFET turn-on and turn-off times.
Q1
Q1
Q2
GND
VDD
RSENSE
RBASE
VOUT
VOUT
Fan
a) Single Bipolar Transistor
Q1
GND
VDD
RSENSE
VOUT
C) N-Channel MOSFET
GND
VDD
RSENSE
RBASE
Fan
b) Darlington Transistor Pair
Fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com