Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC670 Datasheet (PDF) - Microchip Technology

TC670 Datasheet PDF - Microchip Technology
Part # TC670
Download  TC670 Download
File Size   469.7 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Tiny Predictive Fan Failure Detector

TC670 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC670 Datasheet PDF - Microchip Technology

Part # TC670
Download  TC670 Click to download

File Size   469.7 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Tiny Predictive Fan Failure Detector

TC670 Datasheet (HTML) - Microchip Technology


TC670 Product details

General Description

The TC670 is an integrated fan speed sensor that predicts and/or detects fan failure, preventing thermal damage to systems with cooling fans. When the fan speed falls below a user-specified level, the TC670 asserts an ALERT signal. With this design, a critical minimum fan speed is determined by the user. The fan alert level is then set with a resistor divider on the THRESHOLD pin (Pin 1) of the TC670. When the minimum fan speed is reached, the ALERT pin (Pin 5) changes from a digital high to low. This failure detection works with all linear-controlled 2-wire fans. The TC670 eliminates the need for 3-wire fan solutions.



Features

• Fan Wear-Out Detection for 2-Wire Linear-Controlled Fans

• Replacement System for 3-Wire Fans

• Fan Alert Signal when Fan Speed is below Programmed Threshold

• CLEAR Capability for Eliminating False Alarm

• Low Operating Current, 90 µA (typ.)

• VDD Range 3.0V to 5.5V

• Available in a 6-Pin SOT-23 Package



Applications

• Protection for Linear-Controlled Fans

• Power Supplies

• Industrial Equipment

• PCs and Notebooks

• Data Storage

• Data Communications Equipment

• Instrumentation



 




Similar Part No. - TC670

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC670 MICROCHIP-TC670 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC670 MICROCHIP-TC670 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC670ECHTR MICROCHIP-TC670ECHTR Datasheet
342Kb / 14P
Tiny Predictive Fan Failure Detector
2003
TC670ECHTR MICROCHIP-TC670ECHTR Datasheet
259Kb / 14P
Tiny Predictive Fan Failure Detector
11/29/12
TC670 MICROCHIP-TC670_03 Datasheet
342Kb / 14P
Tiny Predictive Fan Failure Detector
2003
More results


Similar Description - TC670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6684 MAXIM-MAX6684 Datasheet
168Kb / 7P
Fan-Failure Detector with Integrated Power Switch
Rev 0; 1/02
logo
List of Unclassifed Man...
A5219 ETC-A5219 Datasheet
60Kb / 1P
Supervisor IC indicates fan failure
FR-159 ETC-FR-159 Datasheet
38Kb / 1P
FAILURE REPORT
logo
Microchip Technology
TC670 MICROCHIP-TC670_03 Datasheet
342Kb / 14P
Tiny Predictive Fan Failure Detector
2003
logo
STMicroelectronics
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
logo
CML Microcircuits
CM1481 CMLMICRO-CM1481 Datasheet
164Kb / 24P
Non-Predictive Selcall Module
logo
Microchip Technology
TC670 MICROCHIP-TC670_13 Datasheet
259Kb / 14P
Tiny Predictive Fan Failure Detector
11/29/12
logo
Texas Instruments
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Advantech Co., Ltd.
ESRP-MPM-UNO3382 ADVANTECH-ESRP-MPM-UNO3382 Datasheet
4Mb / 2P
Predictive Edge Analyzer
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com