Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC670 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC670
Description  Tiny Predictive Fan Failure Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC670 Datasheet(HTML) 2 Page - Microchip Technology

  TC670 Datasheet HTML 1Page - Microchip Technology TC670 Datasheet HTML 2Page - Microchip Technology TC670 Datasheet HTML 3Page - Microchip Technology TC670 Datasheet HTML 4Page - Microchip Technology TC670 Datasheet HTML 5Page - Microchip Technology TC670 Datasheet HTML 6Page - Microchip Technology TC670 Datasheet HTML 7Page - Microchip Technology TC670 Datasheet HTML 8Page - Microchip Technology TC670 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC670
DS21688B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
VDD...................................................................................6.0V
All inputs and outputs w.r.t. ..... (GND
− 0.3V) to (VDD +0.3V)
Difference Input voltage ...................................... IVDD -GND
Output Short Circuit Current ..................................continuous
Current at Input Pin ................................................... +/-2 mA
Current at Output Pin .............................................. +/-25 mA
Junction Temperature, TJ ............................................. 150°C
ESD protectiononall pins
..................................................≥ 4kV
Operating Temperature Range........................-40°C to +85°C
Storage Temperature Range .........................-55°C to +150°C
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC670 ELECTRICAL SPECIFICATIONS
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise specified, all limits are specified at +25°C, VDD =3.0V to5.5V, CLEAR = Low.
Boldface type specifications apply for temperature range of -40°C to +85°C
Symbol
Parameters
Min
Typ
Max
Unit
Conditions
Power Supply:
VDD
Supply Voltage
3.0
5.5
V
IDD
Supply Current
90
150
µA
CLEAR Input:
VIH
CLEAR Logic Input High Level
0.8VDD
——
V
VIL
CLEAR Logic Input Low Level
0.2VDD
V
SENSE Input:
VTH(SENSE)
SENSE Input Level Threshold Voltage
124
mV
RSENSE
SENSE Input Resistance
50
k
THRESHOLD Input:
THRESHOLD Input Voltage Minimum
0.0
V
THRESHOLD Input Voltage Maximum
2.4
V
THRESHOLD Input Resistance
100
M
ALERTACC
Programmed Fan Speed Alert Accuracy (1)
-10
+10
%
VDD =3.0V
ALERT Output:
VLOW
ALERT Output Low Voltage
0.3
V
ISINK =2.5 mA
tDELAY
ALERT Output Delay Time
176
ms
Note 1:
The TC670 will operate properly over the entire power supply range of 3.0V to 5.5V. As VDD varies from 3.0V, accuracy will degrade
based on the percentage of VDD as shown in Section 3.0.
Electrical Characteristics: Unless otherwise specified, all limits are specified for -40°C to +85°C and VDD =3.0V to5.5V
Symbol
Parameters
Min
Typ
Max
Unit
Conditions
Temperature Ranges:
TA
Specified Temperature Range
-40
+85
°C
TA
Operating Temperature Range
-40
+85
°C
Thermal Package Resistances:
θJA
Thermal Resistance, 6L-SOT-23
230
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com