Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7662A Datasheet (PDF) - Microchip Technology

TC7662A Datasheet PDF - Microchip Technology
Part # TC7662A
Download  TC7662A Download
File Size   53.47 Kbytes
Page   7 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CHARGE PUMP DC-TO-DC CONVERTER

TC7662A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC7662A Datasheet PDF - Microchip Technology

Part # TC7662A
Download  TC7662A Click to download

File Size   53.47 Kbytes
Page   7 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CHARGE PUMP DC-TO-DC CONVERTER

TC7662A Datasheet (HTML) - Microchip Technology


TC7662A Product details

GENERAL DESCRIPTION

The TC7662A is a pin-compatible upgrade to the In dustry standard TC7660 charge pump voltage converter. It converts a +3V to +18V input to a corresponding – 3V to -18V output using only two low-cost capacitors, eliminating inductors and their associated cost, size and EMI. In addition to a wider power supply input range (3V to 18V versus 1.5V to 10V for the TC7660), the TC7662A can source output currents as high as 40mA. The on-board oscillator operates at a nominal frequency of 12kHz. Operation be low 10kHz (for lower supply current applications) is also possible by connecting an external capacitor from OSC to ground.



FEATURES

■ Wide Operating Range ............................. 3V to 18V

■ Increased Output Current .............................. 40mA

■ Pin Compatible with ICL7662/SI7661/TC7660/ LTC1044

■ No External Diodes Required

■ Low Output Impedance @ IL = 20mA ....... 40Ω Typ.

■ No Low-Voltage Terminal Required

■ CMOS Construction



 




Similar Part No. - TC7662A

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
TC7662ACPA TELCOM-TC7662ACPA Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
TC7662ACPA MICROCHIP-TC7662ACPA Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662AEPA TELCOM-TC7662AEPA Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
More results


Similar Description - TC7662A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com