Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1350ADJM Datasheet (PDF) - Nippon Precision Circuits Inc

SM1350ADJM Datasheet PDF - Nippon Precision Circuits Inc
Part # SM1350ADJM
Download  SM1350ADJM Download
File Size   515.48 Kbytes
Page   16 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High Tone Quality Melody IC

SM1350ADJM Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1350ADJM Datasheet PDF - Nippon Precision Circuits Inc

Part # SM1350ADJM
Download  SM1350ADJM Click to download

File Size   515.48 Kbytes
Page   16 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High Tone Quality Melody IC

SM1350ADJM Datasheet (HTML) - Nippon Precision Circuits Inc


SM1350ADJM Product details

OVERVIEW
The SM1350ADJM is single-chip high tone quality melody IC, fabricated using NPC’s Molybdenum-gate CMOS process. Melodies are selected in serial or binary (parallel) mode, 16 programmable melodies are stored, and the high tone quality melody is output by how to specify the user. It is making this IC ideal for mechanical clocks and similar applications where high tone quality output is demanded.

FEATURES
■ Basic Functions
    • 4.0MHz oscillator frequency
    • Power-save function
        - Oscillator stopped when no output
        - S0 to S3, MODE, LH pull-up resistors open
    • A-class output
    • Chattering prevention circuit (STN, STOP, S0 to S3)
    • 10-bit D/A converter current-summing
■ Sound Generator Functions
    • DWS (dual wave synthesis) sound generators
    • 4 simultaneous sounds for 4 tones
■ Melody Functions
    • 16 programmable melodies
    • Level hold/one-shot melody modes
    • Serial/binary (parallel) select modes
■ Control Signal Outputs
    • BUSYN signal : LOW during melody output
    • CT signal : pulse output synchronizing with selected notes or rests (This function cannot be used with this product.)
■ 2.4 to 5.5V supply voltage
■ Molybdenum-gate CMOS
■ Package : 24-pin SSOP




Similar Part No. - SM1350ADJM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
High Tone Quality Melody IC
More results


Similar Description - SM1350ADJM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
Melody IC
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
High Sound Quality Multi Melody IC
SM1350 NPC-SM1350 Datasheet
214Kb / 21P
High Tone Quality Melody LSI
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
DUAL TONE MELODY GENERATOR
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
MELODY IC
15600 UTC-15600_15 Datasheet
171Kb / 6P
MELODY IC
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
High Tone Quality Melody IC
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
Dual-tone Melody Generator
logo
Unisonic Technologies
1668 UTC-1668_18 Datasheet
151Kb / 5P
DUAL TONE MELODY XMAS LIGHT CONTROL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com