Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1350 Datasheet (PDF) - Nippon Precision Circuits Inc

SM1350 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM1350
Download  SM1350 Download
File Size   214.02 Kbytes
Page   21 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High Tone Quality Melody LSI

SM1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1350 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM1350
Download  SM1350 Click to download

File Size   214.02 Kbytes
Page   21 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description High Tone Quality Melody LSI

SM1350 Datasheet (HTML) - Nippon Precision Circuits Inc


SM1350 Product details

OVERVIEW
The SM1350 series are single-chip high tone quality melody ICs, fabricated using NPC’s Molybdenumgate CMOS process. Melodies are selected in serial or binary (parallel) mode, up to a maximum of 16 melody blocks. There are 4 sound generators incorporated to produce 4 kinds of output tone controlled by 16-tone data, making these ICs ideal for mechanical clocks and similar applications where high tone quality output is demanded.

FEATURES
■ Basic Functions
    • 4.0 MHz oscillator frequency
    • Power-save function
        - Oscillator stopped when no output
        - S0 to S3, MODE, LH pull-up resistors open
    • BTL or A-class outputs
    • Chattering prevention circuit (STN, STOP, S0 to S3)
    • 10-bit D/A converter
■ Sound Generator Functions
    • DWS (dual wave synthesis) sound generators
    • 4 simultaneous sounds for 4 tones
    • G2 to F#7 note range
    • 16-tone programmable
■ Melody Functions
    • Up to 16 programmable melodies (singly or in medleys)
    • 1024-step length (notes, rests, jumps, end codes)
    • Level hold/one-shot melody modes
    • Serial/binary (parallel) select modes
    • 4.8 to 605.6 tempo range in 127 steps
    • 12 rhythm values
    • Ties and slurs programmable
■ Control Signal Outputs
    • BUSYN signal LOW during melody output
    • CT signal output for external control
■ 2.4 to 5.5 V supply voltage
■ Package
    • 24-pin SSOP (SM1350×××)
■ Molybdenum-gate CMOS




Similar Part No. - SM1350

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
High Tone Quality Melody IC
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
High Tone Quality Melody IC
More results


Similar Description - SM1350

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1131 NPC-SM1131 Datasheet
460Kb / 20P
High Sound Quality Multi Melody IC
logo
Sharp Corporation
LR4089B SHARP-LR4089B Datasheet
320Kb / 6P
Tone Dialer LSI
LR48061 SHARP-LR48061 Datasheet
598Kb / 10P
Pulse/Tone Dialer LSI
logo
List of Unclassifed Man...
SD995 ETC1-SD995 Datasheet
1Mb / 5P
DUAL TONE MELODY GENERATOR
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
DUAL-TONE MELODY GENERATOR
logo
OKI electronic componet...
MSM6234 OKI-MSM6234 Datasheet
124Kb / 12P
DTMF Tone Dialer LSI
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
TONE DIALER LSI
logo
Nippon Precision Circui...
SM1350AAQM NPC-SM1350AAQM Datasheet
476Kb / 16P
High Tone Quality Melody IC
SM1350ADJM NPC-SM1350ADJM Datasheet
515Kb / 16P
High Tone Quality Melody IC
logo
BOWIN ELECTRONIC CO.
UM88T-19L BOWIN-UM88T-19L Datasheet
26Kb / 2P
Dual-tone Melody Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com