Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6428 Datasheet (PDF) - New Japan Radio

NJU6428 Datasheet PDF - New Japan Radio
Part # NJU6428
Download  NJU6428 Download
File Size   1460.31 Kbytes
Page   44 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER

NJU6428 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU6428 Datasheet PDF - New Japan Radio

Part # NJU6428
Download  NJU6428 Click to download

File Size   1460.31 Kbytes
Page   44 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER

NJU6428 Datasheet (HTML) - New Japan Radio


NJU6428 Product details

■ GENERAL DESCRIPTION
The NJU6428/6429/6469 is a Dot Matrix LCD controller Driver for 12-character 2-line or 24-character 1-line with icon display(60-icon) maximum by itself. It contains voltage tripler, bleeder resistance to generate about triple voltage (9V) and the bias for LCD Driving waveform internally from single power supply(3V).

■ FEATURES
● 12-character/2-line or 24-character/1-line Dot Matrix LCD controller driver
● Character Generator ROM : 9,600 bits
● Character Generator RAM : 32x5 bits
● Voltage Tripler On-chip (Switchable Doubler / Tripler)
● Low power consumption
● Operating voltage
   NJU6428/29 : 2.4V to 3.6V(Except LCD Driving Voltage)
   NJU6469 : 2.4V to 3.3V(Except LCD Driving Voltage)
● Package outline : QFP100-C1 / QFP100-G1 / Chip / TCP




Similar Part No. - NJU6428

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6420 NJRC-NJU6420 Datasheet
1Mb / 38P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420BF NJRC-NJU6420BF Datasheet
1Mb / 38P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6423 NJRC-NJU6423 Datasheet
1Mb / 38P
20-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6423B NJRC-NJU6423B Datasheet
1Mb / 38P
20-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
More results


Similar Description - NJU6428

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6406B NJRC-NJU6406B Datasheet
1Mb / 43P
24-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6423B NJRC-NJU6423B Datasheet
1Mb / 38P
20-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6461 NJRC-NJU6461 Datasheet
1Mb / 42P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6465 NJRC-NJU6465 Datasheet
1Mb / 42P
12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6466 NJRC-NJU6466 Datasheet
1Mb / 39P
24-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6467 NJRC-NJU6467 Datasheet
872Kb / 26P
12-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6469 NJRC-NJU6469 Datasheet
1Mb / 41P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6620 NJRC-NJU6620 Datasheet
1Mb / 41P
12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com