Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6465 Datasheet (PDF) - New Japan Radio

NJU6465 Datasheet PDF - New Japan Radio
Part # NJU6465
Download  NJU6465 Download
File Size   1340.37 Kbytes
Page   42 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER DRIVER?

NJU6465 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU6465 Datasheet PDF - New Japan Radio

Part # NJU6465
Download  NJU6465 Click to download

File Size   1340.37 Kbytes
Page   42 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description 12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER DRIVER?

NJU6465 Datasheet (HTML) - New Japan Radio


NJU6465 Product details

■ GENERAL DESCRIPTION
The NJU6465/6620 is a Dot Matrix LCD controller Driver for 12-character 4-line with icon display(128-icon) maximum by itself.
It contains voltage Tripler, bleeder resistance to generate about triple voltage (9V) and the bias for LCD Driving waveform internally from single power supply(3V). The NJU6620 realizes replacement from the NJU6465.

■ FEATURES
● 12-character/4-line Dot Matrix LCD controller driver
● Character Generator ROM : 10,080 bits
● Character Generator RAM : 32x5 bits
● Icon Display RAM : 32x5 bits
● Software contrast control(Voltage Regulator On-chip)
● Voltage Tripler On-chip
● Low power consumption
● Operating voltage
   NJU6465 : 2.4V to 3.6V(Except LCD Driving Voltage)
   NJU6620 : 2.4V to 3.3V(Except LCD Driving Voltage)
● Package outline
   NJU6465 : Bump-chip(Rectangle shaped for COG)
   NJU6620 : Bump-chip(Rectangle shaped for COG)




Similar Part No. - NJU6465

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6460A NJRC-NJU6460A Datasheet
1Mb / 34P
16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER???
NJU6460AC NJRC-NJU6460AC Datasheet
1Mb / 34P
16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER???
NJU6461 NJRC-NJU6461 Datasheet
1Mb / 42P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6461XCH NJRC-NJU6461XCH Datasheet
1Mb / 42P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6463 NJRC-NJU6463 Datasheet
1Mb / 42P
16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER????
More results


Similar Description - NJU6465

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6406B NJRC-NJU6406B Datasheet
1Mb / 43P
24-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6425 NJRC-NJU6425 Datasheet
1Mb / 33P
10-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6427 NJRC-NJU6427 Datasheet
1Mb / 33P
10-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6428 NJRC-NJU6428 Datasheet
1Mb / 44P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6461 NJRC-NJU6461 Datasheet
1Mb / 42P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6467 NJRC-NJU6467 Datasheet
872Kb / 26P
12-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6469 NJRC-NJU6469 Datasheet
1Mb / 41P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6620 NJRC-NJU6620 Datasheet
1Mb / 41P
12-CHARACTER 4-LINE DOT MATRIX LCD CONTROLLER
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com