Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N40KL-TN3-R Datasheet (PDF) - Unisonic Technologies

3N40KL-TN3-R Datasheet PDF - Unisonic Technologies
Part # 3N40KL-TN3-R
Download  3N40KL-TN3-R Download
File Size   222.12 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR

3N40KL-TN3-R Datasheet (PDF)

Go To PDF Page Download Datasheet
3N40KL-TN3-R Datasheet PDF - Unisonic Technologies

Part # 3N40KL-TN3-R
Download  3N40KL-TN3-R Click to download

File Size   222.12 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR

3N40KL-TN3-R Datasheet (HTML) - Unisonic Technologies


3N40KL-TN3-R Product details

DESCRIPTION
The UTC 3N40K-MT is an N-channel mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology specializes in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode.
The UTC 3N40K-MT is universally applied in electronic lamp ballast based on half bridge topology and high efficient switched mode power supply.

FEATURES
* RDS(ON) < 2.0Ω @ VGS = 10 V, ID = 1.5 A
* High switching speed
* 100% avalanche tested




Similar Part No. - 3N40KL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N40KL-TN3-R UTC-3N40KL-TN3-R Datasheet
228Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 3N40KL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com