Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N40KL-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N40KL-TN3-R
Description  N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N40KL-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3N40KL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N40KL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N40KL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N40KL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N40KL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N40KL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N40KL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N40K-MT
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R205-011.b
3A, 400V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N40K-MT is an N-channel mode power MOSFET
using
UTC’s advanced technology to provide customers with
planar stripe and DMOS technology. This technology specializes in
allowing a minimum on-state resistance and superior switching
performance. It also can withstand high energy pulse in the
avalanche and commutation mode.
The UTC 3N40K-MT is universally applied in electronic lamp
ballast based on half bridge topology and high efficient switched
mode power supply.
FEATURES
* RDS(ON) < 2.0Ω @ VGS = 10 V, ID = 1.5 A
* High switching speed
* 100% avalanche tested
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
3N40KL-TA3-T
3N40KG-TA3-T
TO-220
G
D
S
Tube
3N40KL-TF3-T
3N40KG-TF3-T
TO-220F
G
D
S
Tube
3N40KL-TF1-T
3N40KG-TF1-T
TO-220F1
G
D
S
Tube
3N40KL-TF2-T
3N40KG-TF2-T
TO-220F2
G
D
S
Tube
3N40KL-TF3T-T
3N40KG-TF3T-T
TO-220F3
G
D
S
Tube
3N40KL-TM3-T
3N40KG-TM3-T
TO-251
G
D
S
Tube
3N40KL-TN3-R
3N40KG-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 3N40KL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N40KL-TN3-R UTC-3N40KL-TN3-R Datasheet
228Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 3N40KL-TN3-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PPNGZ52F120A MICROSEMI-PPNGZ52F120A Datasheet
102Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP25G45GEM A-POWER-AP25G45GEM Datasheet
69Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Silicon Standard Corp.
SSM20G45EGH SSC-SSM20G45EGH Datasheet
763Kb / 7P
N-channel Insulated-Gate Bipolar Transistor
SSM28G45EM SSC-SSM28G45EM Datasheet
263Kb / 4P
N-CHANNEL INSULATED-GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
UG25N45 UTC-UG25N45 Datasheet
184Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Advanced Power Electron...
AP20GT60P-HF A-POWER-AP20GT60P-HF Datasheet
65Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP30G40GEO-HF A-POWER-AP30G40GEO-HF Datasheet
60Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
AP40G120W A-POWER-AP40G120W Datasheet
99Kb / 3P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Unisonic Technologies
1N50A UTC-1N50A Datasheet
194Kb / 5P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
30N06V-Q UTC-30N06V-Q Datasheet
205Kb / 6P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com