Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPL60R2K1C6S Datasheet (PDF) - Infineon Technologies AG

IPL60R2K1C6S Datasheet PDF - Infineon Technologies AG
Part # IPL60R2K1C6S
Download  IPL60R2K1C6S Download
File Size   1374.76 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600V CoolMOS™ C6 Power Transistor

IPL60R2K1C6S Datasheet (PDF)

Go To PDF Page Download Datasheet
IPL60R2K1C6S Datasheet PDF - Infineon Technologies AG

Part # IPL60R2K1C6S
Download  IPL60R2K1C6S Click to download

File Size   1374.76 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 600V CoolMOS™ C6 Power Transistor

IPL60R2K1C6S Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - IPL60R2K1C6S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL60R210P6 INFINEON-IPL60R210P6 Datasheet
1Mb / 15P
600V CoolMOS™ P6 Power Transistor
Rev. 2.0, 2014-05-16
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOS짧 CFD7 Power Transistor
Rev. 2.0, 2019-06-04
IPL60R225CFD7 INFINEON-IPL60R225CFD7 Datasheet
4Mb / 44P
3300 W 54 V bi-directional phase-shift fullbridge with 600 V CoolMOS CFD7 and XMC
Revision 1.0 2018-05-02
IPL60R255P6 INFINEON-IPL60R255P6 Datasheet
1Mb / 15P
Increased MOSFET dv/dt ruggedness
Rev.2.0,2014-05-16
IPL60R285P7 INFINEON-IPL60R285P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
More results


Similar Description - IPL60R2K1C6S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD60R1K4C6 INFINEON-IPD60R1K4C6 Datasheet
1Mb / 14P
600V CoolMOS C6 Power Transistor
2010-07-19 revision:2.0
IPD60R2K0C6 INFINEON-IPD60R2K0C6 Datasheet
1Mb / 14P
600V CoolMOS C6 Power Transistor
2010-07-20 revision:2.0
IPD60R3K3C6 INFINEON-IPD60R3K3C6 Datasheet
1Mb / 14P
600V CoolMOS C6 Power Transistor
2010-07-21 revision:2.0
IPW60R041C6 INFINEON-IPW60R041C6 Datasheet
868Kb / 13P
600V CoolMOS C6 Power Transistor
2010-07-12 revision:2.1
IPD60R1K4C6BTMA1 INFINEON-IPD60R1K4C6BTMA1 Datasheet
1Mb / 14P
600V CoolMOS C6 Power Transistor IPD60R1K4C6
2010-07-19 revision:2.0
IPL60R1K5C6S INFINEON-IPL60R1K5C6S Datasheet
1Mb / 14P
600V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPA60R950C6 INFINEON-IPA60R950C6_14 Datasheet
1Mb / 18P
600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2014-12-10
6R190C6 INFINEON-6R190C6 Datasheet
1Mb / 19P
600V CoolMOS C6 Power Transistor
Rev. 2.3 2018-02-26
LPD60R2K0C6 INFINEON-LPD60R2K0C6 Datasheet
790Kb / 14P
600V CoolMOS??C6 Power Transistor
Rev. 2.2, 2020-05-20
IPX60R950C6 INFINEON-IPX60R950C6 Datasheet
1Mb / 18P
600V CoolMOS??C6 Power Transistor
Rev. 2.5 2020-05-20
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com