Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA04 Datasheet (PDF) - Unisonic Technologies

BTA04 Datasheet PDF - Unisonic Technologies
Part # BTA04_15
Download  BTA04 Download
File Size   189.59 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SENSITIVE GATE TRIAC

BTA04 Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA04 Datasheet PDF - Unisonic Technologies

Part # BTA04_15
Download  BTA04 Click to download

File Size   189.59 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SENSITIVE GATE TRIAC

BTA04 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - BTA04_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA04-400 STMICROELECTRONICS-BTA04-400 Datasheet
438Kb / 6P
SENSITIVE GATE TRIACS
Sep-2001
BTA04-400A STMICROELECTRONICS-BTA04-400A Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
BTA04-400A STMICROELECTRONICS-BTA04-400A Datasheet
438Kb / 6P
SENSITIVE GATE TRIACS
Sep-2001
logo
Shenzhen Luguang Electr...
BTA04-400A LUGUANG-BTA04-400A Datasheet
717Kb / 5P
SENSITIVE GATE TRIACS
logo
STMicroelectronics
BTA04-400D STMICROELECTRONICS-BTA04-400D Datasheet
438Kb / 6P
SENSITIVE GATE TRIACS
Sep-2001
More results


Similar Description - BTA04_15

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
TRIAC, 16A, Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
TRIAC - 800mA Sensitive Gate
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
Sensitive Gate Triac
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
Sensitive Gate Triac
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
Sensitive Gate Triac
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com