Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4A60S Datasheet (PDF) - Apollo Electron Co., Ltd.

TP4A60S Datasheet PDF - Apollo Electron Co., Ltd.
Part # TP4A60S
Download  TP4A60S Download
File Size   1325.19 Kbytes
Page   5 Pages
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.
Description Sensitive Gate Triac

TP4A60S Datasheet (PDF)

Go To PDF Page Download Datasheet
TP4A60S Datasheet PDF - Apollo Electron Co., Ltd.

Part # TP4A60S
Download  TP4A60S Click to download

File Size   1325.19 Kbytes
Page   5 Pages
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.
Description Sensitive Gate Triac

TP4A60S Datasheet (HTML) - Apollo Electron Co., Ltd.




Similar Part No. - TP4A60S

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
logo
List of Unclassifed Man...
TP4 ETC2-TP4 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TP4 ETC2-TP4 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
TiMOTION Technology Co....
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
Operational temperature range 5°C~45°C
20220207-I
logo
List of Unclassifed Man...
TP40 ETC2-TP40 Datasheet
245Kb / 2P
78 and 88V Automotive Meters
More results


Similar Description - TP4A60S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
TRIAC, 4A Sensitive Gate
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
TRIAC, 16A, Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
TRIAC - 800mA Sensitive Gate
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
Sensitive Gate Triac
logo
Apollo Electron Co., Lt...
TD4A60S APOLLOELECTRON-TD4A60S Datasheet
1Mb / 5P
Sensitive Gate Triac
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
SENSITIVE GATE TRIAC
logo
Shenzhen Winsemi Microe...
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
Sensitive Gate Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com