Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TP4 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TP4
Download  TP4 Download
File Size   241.65 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP4 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TP4
Download  TP4 Click to download

File Size   241.65 Kbytes
Page   4 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TP4 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TP4 Product details

General Features
Transformer type Toroidal or SMPS
Input voltage 110/120/230V AC or 100~240V AC (SMPS)
Max. output 36V DC, 9A
Plug support EU, USA, AUS, UK, JPN
Color Black or grey
IP rating Up to IP66
Certificate IEC60601-1, ES60601-1
Operational temperature range +5°C~+45°C




Similar Part No. - TP4

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
Standard 12 x 12 mm Tactile Switches
logo
List of Unclassifed Man...
TP4 ETC2-TP4 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TP4 ETC2-TP4 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TP40 ETC2-TP40 Datasheet
245Kb / 2P
78 and 88V Automotive Meters
logo
Extech Instruments Corp...
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
More results


Similar Description - TP4

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
Operational temperature range 5°C~45°C
20230616-C
TDH2 TIMOTION-TDH2 Datasheet
194Kb / 3P
Operational temperature range 5°C~45°C
20201027-D
TDH20P TIMOTION-TDH20P Datasheet
414Kb / 3P
Operational temperature range 5°C~45°C
20220809-G
TDH5 TIMOTION-TDH5 Datasheet
285Kb / 3P
Operational temperature range 5°C~45°C
20230215-E
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8P TIMOTION-TDH8P Datasheet
312Kb / 3P
Operational temperature range 5°C~45°C
20230503-D
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
Operational temperature range 5°C~45°C
20231026-A
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
Operational temperature range 5°C~45°C
20220209-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com