Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TP4
Description  Operational temperature range 5°C~45°C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP4 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TP4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TP4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Transformer
EI (3A)
EI (2A)
Toroidal (4A)
Toroidal (5A)
SMPS (2.5A)
SMPS (4A)
SMPS (3.5A)
2
3
4
5
6
7
K
Tansformer Model
EI-3A
EI-2A
Toroidal-4A
Toroidal-5A
SPM-72M
SPM-120M
SPM-120M
Rated Input Voltage
110, 120, 230VAC
110, 120, 230VAC
110, 120, 230VAC
110, 120, 230VAC
100-240VAC
100-240VAC
100-240VAC
Rated Output Voltage
24V
24V
24V
30V
32V
32V
36V
Rated Current
3A
2A
4A
5A
2.5A
4A
3.5A
Maximum Working Current
6A
4A
9A
15A
8A
10A
9A
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.
Transformer Specification
TP4 Ordering Key Appendix



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com