Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP4 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TP4
Description  Operational temperature range 5°C~45°C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TP4 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TP4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TP4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TP4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TP4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP4 Ordering Key
TP4
Version: 20220207-I
Plug
1 = EU
2 = USA
3 = AUS
4 = UK
5 = JPN
Voltage
1 = 110V
2 = 120V
3 = 230V
4 = 100~240VAC (SMPS)
Color
1 = Black
2 = Pantone428C
Cable Length & Plug
(mm)
Grounding Function
Transformer
IP Rating
0 = AC cable: straight, 4000; DC cable: straight, 150 (mount on TC8 ), DIN 5P Male
1 = AC cable: straight, 2000; DC cable: straight, 1000, DIN 5P Male
2 = AC cable: straight, 4000; DC cable: straight, 1000, DIN 5P Male
3 = AC cable: straight, 4000; DC cable: straight, 150, DIN 5P Female
4 = AC cable: straight, 2000; DC cable: straight, 1000, DIN 5P Female
5 = AC cable: straight, 4000; DC cable: straight, 1000, DIN 5P Female
6 = AC cable: straight, 4000; DC cable: straight, 150, 01P Female
7 = AC cable: straight, 2000; DC cable: straight, 1000, 01P Female
8 = AC cable: straight, 4000; DC cable: straight, 1000, 01P Female
0 = Without
1 = With
4 = Toroidal (4A)
5 = Toroidal (5A)
6 = SMPS (2.5A)
7 = SMPS (4A)
K = SMPS (3.5A)
1 = Without
2 = IP54
3 = IP66



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com