Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFH36 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TFH36 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TFH36
Download  TFH36 Download
File Size   171.13 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TFH36 Datasheet (PDF)

Go To PDF Page Download Datasheet
TFH36 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TFH36
Download  TFH36 Click to download

File Size   171.13 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TFH36 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TFH36 Product details

General Features
Number of motors 1~2
Max. available buttons 9
Color Black
Options Built-in battery
Wireless support Available
Max. remote control distance 5m
Operational temperature range +5°C~+45°C
RF wireless control available




Similar Part No. - TFH36

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFH36A VECTRON-TFH36A Datasheet
44Kb / 5P
Filter Specification
TFH36A VECTRON-TFH36A_06 Datasheet
41Kb / 5P
Filter Specification
TFH36B VECTRON-TFH36B Datasheet
39Kb / 5P
Filter Specification
TFH36B VECTRON-TFH36B_06 Datasheet
36Kb / 5P
Filter Specification
More results


Similar Description - TFH36

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
Operational temperature range 5°C~45°C
20230616-C
TDH2 TIMOTION-TDH2 Datasheet
194Kb / 3P
Operational temperature range 5°C~45°C
20201027-D
TDH20P TIMOTION-TDH20P Datasheet
414Kb / 3P
Operational temperature range 5°C~45°C
20220809-G
TDH5 TIMOTION-TDH5 Datasheet
285Kb / 3P
Operational temperature range 5°C~45°C
20230215-E
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8P TIMOTION-TDH8P Datasheet
312Kb / 3P
Operational temperature range 5°C~45°C
20230503-D
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
Operational temperature range 5°C~45°C
20220207-I
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
Operational temperature range 5°C~45°C
20220209-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com